Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8501 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCP8501
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8501 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCP8501 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8501 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8501 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8501 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8501 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TPCP8501
2006-11-13
2
Figure 1. Circuit configuration (top view)
Figure 2. Marking (Note 4)
Note 4: ● on lower left on the marking indicates Pin 1.
※
Weekly code: (Three digits)
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 180 V, IE = 0
⎯
⎯
100
nA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
⎯
⎯
100
nA
Collector-base breakdown voltage
V (BR) CBO
IC = 1 mA, IB = 0
180
⎯
⎯
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
100
⎯
⎯
V
hFE (1)
VCE = 2 V, IC = 0.3 A
100
⎯
300
DC current gain
hFE (2)
VCE = 2 V, IC = 1.0 A
80
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 1 A, IB = 33 mA
⎯
⎯
0.2
V
Base-emitter saturation voltage
VBE (sat)
IC = 1 A, IB = 33 mA
⎯
⎯
1.1
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1MHz
⎯
23
⎯
pF
Rise time
tr
⎯
65
⎯
ns
Storage time
tstg
⎯
1.4
⎯
μ
s
Switching time
Fall time
tf
See Figure 3 circuit diagram
VCC ∼− 50 V, RL = 50 Ω
IB1 = −IB2 = 33 mA
⎯
100
⎯
ns
Figure 3. Switching Time Test Circuit & Timing Chart
IB1
20
μs
IB2
IB1
IB2
Input
Output
RL
VCC
Duty cycle <1%
Type
Lot No.
(Weekly code)
※
8501
8  7  6   5
1  2  3  4
1  2  3  4
8  7  6   5
Week of manufacture
(01 for first week of year, continues up to 52 or 53)
Year of manufacture
(One low-order digits of calendar year)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com