Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8601 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCP8601
Description  Silicon PNP Epitaxial Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8601 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCP8601 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8601 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8601 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8601 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8601 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TPCP8601
2004-12-10
3
0.001
1
10
1000
100
0.01
0.1
Ta
= 100°C
−55
25
0.001
0.1
10
10
1
0.01
0.1
Ta
= −55°C
0.001
0.001
1
1
0.1
0.01
0.1
Ta
= 100°C
0
0
−0.4
−1.2
−1.6
−3
−4
−55
Ta
= 100°C
25
Collector
−emitter voltage VCE
(V)
IC – VCE
Collector current
−IC (A)
hFE – IC
Collector current
−IC (A)
VCE (sat) – IC
Collector current
−IC (A)
VBE (sat) – IC
Base
−emitter voltage VBE (V)
IC – VBE
0
0
−0.8
−1.6
−2.0
−2.4
−1
−4
−5
Common emitter
Ta
= 25°C
Single nonrepetitive pulse
−20
−3
−2
−1.2
−0.4
−1
−0.8
Common emitter
VCE = −2 V
Single nonrepetitive pulse
Common emitter
β
= 30
Single nonrepetitive pulse
Common emitter
β
= 30
Single nonrepetitive pulse
Common emitter
VCE = −2 V
Single nonrepetitive pulse
10
10
1
−30
−15
−10
−55
25
25
100
−2
−8
−6
−4
IB = −2 mA
0.01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com