Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM75DS2F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLM75DS2F
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75DS2F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLM75DS2F Datasheet HTML 14Page - STMicroelectronics STLM75DS2F Datasheet HTML 15Page - STMicroelectronics STLM75DS2F Datasheet HTML 16Page - STMicroelectronics STLM75DS2F Datasheet HTML 17Page - STMicroelectronics STLM75DS2F Datasheet HTML 18Page - STMicroelectronics STLM75DS2F Datasheet HTML 19Page - STMicroelectronics STLM75DS2F Datasheet HTML 20Page - STMicroelectronics STLM75DS2F Datasheet HTML 21Page - STMicroelectronics STLM75DS2F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Functional description
STLM75
18/37
3.1.3
Temperature register
The Temperature register is a two-byte (16-bit) “Read only” register (see Table 7 on
page 18). Digital temperatures from the T-to-D converter are stored in the Temperature
register in two’s complement format, and the contents of this register are updated each time
the T-to-D conversion is finished.
The user can read data from the Temperature register at any time. When a T-to-D
conversion is completed, the new data is loaded into a comparator buffer to evaluate fault
conditions, and will update the Temperature register if a read cycle is not ongoing. The
STLM75 is continuously evaluating fault conditions regardless of READ or WRITE activity
on the bus. If a READ is ongoing, the previous temperature will be read. The readable
temperature will be updated upon the completion of the next T-to-D conversion that is not
masked by a read cycle.
All unused bits following the digital temperature will be zero. The MSB position of the
Temperature register always contains the sign bit for the digital temperature, and Bit14
contains the temperature MSB. All bits in the Temperature register default to zero at power-
up.
Note:
These are comparable formats to the LM75.
3.1.4
Over-Limit temperature register (TOS)
The TOS register is a two-byte (16-bit) READ/WRITE register that stores the user-
programmable upper trip-point temperature for the thermal alarm in two’s complement
format (see Table 8 on page 19). This register defaults to 80°C at power-up (i.e., 0101 0000
0000 0000).
The format of the TOS register is identical to that of the Temperature register. The MSB
position contains the sign bit for the digital temperature and Bit14 contains the temperature
MSB.
For 9-bit conversions, the trip-point temperature is defined by the 9 MSBs of the TOS
register, and all remaining bits are “Don’t cares”.
Table 7.
Temperature register format
Bytes
HS Byte
LS Byte
Bits
MSB
TMSB
TLSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STLM75
TD8
(Sign)
TD7
(TMSB)
TD
6
TD
5
TD
4
TD
3
TD
2
TD
1
TD0
(TLSB)
00
00
00
0
Keys: SB = Two’s complement Sign Bit
TMSB = Temperature MSB
TLSB = Temperature LSB
TDx = Temperature Data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com