Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM75DS2E Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLM75DS2E
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75DS2E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLM75DS2E Datasheet HTML 9Page - STMicroelectronics STLM75DS2E Datasheet HTML 10Page - STMicroelectronics STLM75DS2E Datasheet HTML 11Page - STMicroelectronics STLM75DS2E Datasheet HTML 12Page - STMicroelectronics STLM75DS2E Datasheet HTML 13Page - STMicroelectronics STLM75DS2E Datasheet HTML 14Page - STMicroelectronics STLM75DS2E Datasheet HTML 15Page - STMicroelectronics STLM75DS2E Datasheet HTML 16Page - STMicroelectronics STLM75DS2E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
STLM75
Operation
13/37
2.4
Interrupt mode
In Interrupt mode, the OS output first becomes active when the measured temperature
exceeds the TOS value a consecutive number of times as determined by the FT value in the
Configuration register. Once activated, the OS can only be cleared by either putting the
STLM75 into Shutdown mode or by reading from any register (temperature, configuration,
TOS, or THYS) on the device. Once the OS has been deactivated, it will only be reactivated
when the measured temperature falls below the THYS value a consecutive number of times
equal to the FT value. Figure 5 illustrates typical OS output temperature response.
Note:
The OS can only be cleared by putting the device into Shutdown mode or reading any
register. Thus, this interrupt/clear process is cyclical between the TOS and THYS events (i.e.,
TOS, clear, THYS, clear, TOS, clear, THYS, clear, and so forth). These interrupt mode resets of
the OS/INT pin occur only when the STLM75 is read or placed into Shutdown mode.
Otherwise, OS/INT would remain active independently for any event.
Figure 5.
OS output temperature response diagram
1.
These interrupt mode resets of O.S. occur only when STLM75 is read or placed in shutdown. Otherwise,
O.S. would remain active indefinitely for any event..
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com