Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1018F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPD1018F
Description  High-side Power Switch for Motors, Solenoids, and Lamp Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1018F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPD1018F Datasheet HTML 1Page - Toshiba Semiconductor TPD1018F Datasheet HTML 2Page - Toshiba Semiconductor TPD1018F Datasheet HTML 3Page - Toshiba Semiconductor TPD1018F Datasheet HTML 4Page - Toshiba Semiconductor TPD1018F Datasheet HTML 5Page - Toshiba Semiconductor TPD1018F Datasheet HTML 6Page - Toshiba Semiconductor TPD1018F Datasheet HTML 7Page - Toshiba Semiconductor TPD1018F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TPD1018F
2006-10-31
2
Pin Description
Pin No.
Symbol
Function
1
OUT
Output pin.
When the load is short-circuited and current in excess of the detection current (0.5A min) flows to the
output pin, the current limiter operates to protect the IC.
2, 3, 4
GND
Ground pins.
5
VDD
Power pin.
Incorporates an overvoltage protection function which turns off the output when the voltage applied
exceeds 25V (min). Protects IC and load.
Incorporates 2V (typ.) hysteresis.
6
IN
Input is CMOS-compatible, with pull-down resistor connected.
Even if the input is open, output will not accidentally turn on.
7, 8, 9
GND
Ground pins.
10
DIAG
Self-diagnosis detection pin. Goes low when overcurrent, overheating, or overvoltage is detected.
n-channel open drain.
Timing Chart
Truth Table
Input Signal
Output Signal
Diagnosis Output
State
H
H
H
L
L
H
Normal
H
L
L
L
L
H
Overcurrent
H
L
L
L
L
H
Overtemperature
H
L
L
L
L
H
Overvoltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com