Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1024AS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPD1024AS
Description  Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1024AS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPD1024AS_07 Datasheet HTML 1Page - Toshiba Semiconductor TPD1024AS_07 Datasheet HTML 2Page - Toshiba Semiconductor TPD1024AS_07 Datasheet HTML 3Page - Toshiba Semiconductor TPD1024AS_07 Datasheet HTML 4Page - Toshiba Semiconductor TPD1024AS_07 Datasheet HTML 5Page - Toshiba Semiconductor TPD1024AS_07 Datasheet HTML 6Page - Toshiba Semiconductor TPD1024AS_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPD1024AS
2006-10-31
1
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1024AS
Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
The TPD1024AS is a monolithic power IC for low-side switches. The IC
has a vertical MOS FET output which can be directly driven from a CMOS
or TTL logic circuit (e.g., an MPU). The device is equipped with an
intelligent self-protection function.
Features
A monolithic power IC with a new structure combining a control block
and a vertical power MOS FET (π-MOS) on a single chip
Can directly drive a power load from a CMOS logic.
Built-in protection against overvoltage, load short-circuiting, and
thermal shutdown
Low on-resistance : RDS (ON) = 0.5 Ω (max) (@VIN = 5 V, Tj = 25°C)
Package
: TPS that can be packed in tape.
Pin Assignment
Note:
Due to its MOS structure, this product is sensitive to static electricity.
Marking
Weight: 0.54g (typ.)
TPD1024AS
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - TPD1024AS_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
More results

Similar Description - TPD1024AS_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1011S TOSHIBA-TPD1011S Datasheet
352Kb / 10P
HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1018F TOSHIBA-TPD1018F Datasheet
291Kb / 7P
HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1034F TOSHIBA-TPD1034F Datasheet
318Kb / 10P
HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1033F TOSHIBA-TPD1033F Datasheet
319Kb / 10P
HIGH SIDE POWER SWITCH FOR MOTORS, SOLENOIDS AND LAMP DRIVERS
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1008SA TOSHIBA-TPD1008SA_07 Datasheet
762Kb / 11P
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1018F TOSHIBA-TPD1018F_07 Datasheet
500Kb / 8P
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024S TOSHIBA-TPD1024S_07 Datasheet
345Kb / 8P
Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1033F TOSHIBA-TPD1033F_07 Datasheet
427Kb / 11P
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1034F TOSHIBA-TPD1034F_07 Datasheet
456Kb / 11P
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com