Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1033F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPD1033F
Description  High-side Power Switch for Motors, Solenoids, and Lamp Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1033F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPD1033F Datasheet HTML 1Page - Toshiba Semiconductor TPD1033F Datasheet HTML 2Page - Toshiba Semiconductor TPD1033F Datasheet HTML 3Page - Toshiba Semiconductor TPD1033F Datasheet HTML 4Page - Toshiba Semiconductor TPD1033F Datasheet HTML 5Page - Toshiba Semiconductor TPD1033F Datasheet HTML 6Page - Toshiba Semiconductor TPD1033F Datasheet HTML 7Page - Toshiba Semiconductor TPD1033F Datasheet HTML 8Page - Toshiba Semiconductor TPD1033F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPD1033F
2006-10-31
2
Block Diagram
Pin Description
Pin No.
Symbol
Function
1
IN
Input pin.
Input is CMOS-compatible, with pull-down resistor connected.
Even if the input is open, output will not accidentally turn on.
2
DIAG
Self-diagnosis detection pin. Goes low when overheating is detected or when output is short-circuited with
input on (high).
n-channel open drain.
3
GND
Ground pin.
4
VDD
Power pin.
5, 6, 7
OUT
Output pin.
When the load is short-circuited and current in excess of the detection current (8 A typ.) flows to the
output pin, the output automatically turns on or off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com