Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1038F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPD1038F
Description  Motor, Solenoid, Lamp Drivers High-side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1038F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPD1038F Datasheet HTML 1Page - Toshiba Semiconductor TPD1038F Datasheet HTML 2Page - Toshiba Semiconductor TPD1038F Datasheet HTML 3Page - Toshiba Semiconductor TPD1038F Datasheet HTML 4Page - Toshiba Semiconductor TPD1038F Datasheet HTML 5Page - Toshiba Semiconductor TPD1038F Datasheet HTML 6Page - Toshiba Semiconductor TPD1038F Datasheet HTML 7Page - Toshiba Semiconductor TPD1038F Datasheet HTML 8Page - Toshiba Semiconductor TPD1038F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPD1038F
2006-10-31
2
Block Diagram
Pin Description
Pin No.
Symbol
Function
1
OUT
Output pin. When the load is short-circuited and current in excess of the detection current (3A min)
flows to the output pin, the output automatically turns on or off.
2
GND
Ground pin.
3
DIAG
Self-diagnosis detection pin.Goes low when overheating is detected or when output is short circuit
with input on (high). N-channel open drain.
4
IN
Input pin. Input is CMOS compatible, with pull down resistor connected. Even if the input is open,
output will not accidentally turn on.
5,6,7,8
VDD
Power pin.
VDD
OUT
5V regulator
Bandgap
MOSFET
(π-MOSⅤ)
charge pump
driver
current detection
overheat detection
DIAG
GND
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com