Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1046F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPD1046F
Description  2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1046F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPD1046F Datasheet HTML 1Page - Toshiba Semiconductor TPD1046F Datasheet HTML 2Page - Toshiba Semiconductor TPD1046F Datasheet HTML 3Page - Toshiba Semiconductor TPD1046F Datasheet HTML 4Page - Toshiba Semiconductor TPD1046F Datasheet HTML 5Page - Toshiba Semiconductor TPD1046F Datasheet HTML 6Page - Toshiba Semiconductor TPD1046F Datasheet HTML 7Page - Toshiba Semiconductor TPD1046F Datasheet HTML 8Page - Toshiba Semiconductor TPD1046F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPD1046F
2007-10-02
2
Block Diagram
Pin Description
Pin No.
Symbol
Pin Description
1
SOURCE1
Source pin 1
2
IN1
Input pin 1
This pin is connected to a pull-down resistor internally, so that even when input wiring is
open-circuited, output can never be turned on inadvertently.
3
SOURCE2
Source pin 2
4
IN2
Input pin 2
This pin is connected to a pull-down resistor internally, so that even when input wiring is
open-circuited, output can never be turned on inadvertently.
5, 6
DRAIN2
Drain pin 2
Drain current is limited (by current limiter) if it exceeds 3 A (min) in order to protect the IC.
7, 8
DRAIN1
Drain pin 1
Drain current is limited (by current limiter) if it exceeds 3 A (min) in order to protect the IC.
DRAIN1
IN1
Overcurrent Detection
/Protection
8
7
Overtemperature Detection
/Protection
1
2
SOURCE1
DRAIN1
DRAIN2
IN2
Overcurrent Detection
/Protection
6
5
Overtemperature Detection
/Protection
3
4
SOURCE2
DRAIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com