Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS40S Datasheet(PDF) 1 Page - Semikron International

Part # CS40S
Description  Bridge rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

CS40S Datasheet(HTML) 1 Page - Semikron International

  CS40S Datasheet HTML 1Page - Semikron International CS40S Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount
Schottky
Bridge rectifiers
CS 10S ... CS 50S
Forward Current: 1 A
Reverse Voltage: 10 to 50 V
Publish Data
Features
Mechanical Data
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
CS 10S ... CS 50S ...
1
10-04-2006 SCT
© by SEMIKRON


Similar Part No. - CS40S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS40S DIOTEC-CS40S Datasheet
143Kb / 2P
Surface Mount Schottky-Bridge Rectifiers
logo
Semikron International
CS40S SEMIKRON-CS40S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Diotec Semiconductor
CS40S DIOTEC-CS40S Datasheet
115Kb / 2P
Surface Mount Schottky-Bridge-Rectifiers
CS40S DIOTEC-CS40S Datasheet
135Kb / 2P
?쏶lim??Profile Surface Mount Schottky-Bridge-Rectifiers
CS40S DIOTEC-CS40S Datasheet
135Kb / 2P
Profile Surface Mount Schottky-Bridge-Rectifiers
More results

Similar Description - CS40S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com