Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S26361-F5000-R006 Datasheet(PDF) 2 Page - Kontron

Part # S26361-F5000-R006
Description  Intel® H310 Express Chipset and Intel® 8th/9th Gen Core™
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R006 Datasheet(HTML) 2 Page - Kontron

  S26361-F5000-R006 Datasheet HTML 1Page - Kontron S26361-F5000-R006 Datasheet HTML 2Page - Kontron S26361-F5000-R006 Datasheet HTML 3Page - Kontron S26361-F5000-R006 Datasheet HTML 4Page - Kontron S26361-F5000-R006 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.kontron.com
D3634-S mITX
Product Highlights
D3634-S mITX Industrial Series
* Intel® 8th/9th Gen Core™ Processor Series
* DDR4-2666 SDRAM, max. 64 GByte
* cTDP – Easy & flexible reduction of CPU TDP
* PCI Express® x16 (Gen.3)
* 2x Intel® GbE LAN (incl. Teaming)
* Intel® UHD Graphics (DX12)
* 1x DVI-D, 1x DP V1.2, eDP V1.4 and Dual Channel LVDS
* Intel® High Definition 5.1 Audio; Intel® integrated TPM V2.0
* 8 Bit GPIO; 2 x COM port (incl. RS-422/RS-485 support)
* 5x USB 2.0, 4x USB 3.1 Gen1
* 4x SATA-III & M.2
(PCIe-based SSD modules 2242, 2260, or 2280)
* Mini-PCIe socket (halfsize/fullsize support)
* Dual Power Supply (ATX compliant or single 12V DC)
* BIOS-POST/-Boot & OS – HW Watchdog onboard
The Motherboard D3634-S mITX is an extraordinary smart solu-
tion for industrial needs. It is equipped with the cost-optimized
Intel® H310 Express Chipset. This motherboard supports the
Intel® Core™ i9/i7/i5/i3 (8th/9th Gen) and the Intel® Pentium® /
Intel® Celeron® processor series up to 95 W TDP. It also features
2x LAN and eDP and is designed and approved for enhanced
operating temperature range up to 60 °C and for 24/7 continuous
operation.
Technical Information
Kbd
DVI-D
DP V1.2
USB 2.0
2x USB 2.0 2x USB3.1
Gen1
Audio
COM1
LAN2
Mouse
LAN1
SYSTEM
PROCESSOR
CHIPSET
MEMORY
Intel® Core™ i9 / i7 / i5 / i3 (8th/9th Gen) processor series
Intel® Pentium®/Intel® Celeron® processor series
Socket LGA1151, max. 95 W TDP
Intel® H310 Chipset
DDR4-2666, Dual Channel
2 SO DIMM sockets, up to 64 GByte memory
VIDEO
GRAPHICS
Intel® UHD Graphics, DX12
AUDIO
AUDIO CODEC
AUDIO INTERFACE
Realtek ALC671
5.1-channel, High Definition Audio Codec
NETWORK CONNECTION
ETHERNET
Intel® i219LM & i210AT with 10/100/1000 MBit/s,
Wake-on-LAN (WoL) by interesting Packets, Link Status Change and
Magic Packet™, PXE Support, BIOS MAC Address Display, Teaming Support
PERIPHERAL CONNECTION
USB
SERIAL PORT
OTHER I/OS
3x USB 2.0, 2x USB 2.0 (by header), 2x USB 3.1 Gen1, 2x USB 3.1 Gen1 (by header)
1x RS232, 1x RS232/422/485 (by header)
GPIO (by header)
STORAGE & EXPANSION
SATA
PCIe/PCI SLOTS
4x Serial ATA III 600 Interface (up to 6GBit/s), NCQ, AHCI,
1x M.2 PCIe (2242/2260/2280), 1x Mini PCIe (halfsize/fullsize)
PCIe x16: 1x Gen3
POWER
CONNECTOR
INPUT VOLTAGE
ATX Power Supply
ATX (Multirail) or Single 12 V
FIRMWARE
BIOS
WATCHDOG
REAL TIME CLOCK
TPM
AMI Aptio 5.x (UEFI) BIOS
modified and adapted by Fujitsu Technology Solutions; Recovery BIOS,
SM-BIOS (DMI), BIOS and CPU Microcode Update, Quick Boot, Logo Boot, Quiet
Boot, Plug & Play, Automatic DRAM and PCIe Configuration, BIOS Support for
S.M.A.R.T., Advanced Power Management, ACPI S3/S4, Wake on time from S5.
HW Watchdog support & BIOS integrated HW Diagnostic Tool.
No legacy OS support, no MBR installation (UEFI only due to Intel restrictions)
3-level Watchdog (BIOS/BIOS Post/OS HW)
Integrated
Intel® integrated TPM V2.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com