Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCB-3003 Datasheet(PDF) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SCB-3003
Description  High Resolution WDR Box Camera
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

SCB-3003 Datasheet(HTML) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  SCB-3003 Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. SCB-3003 Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCB-3003
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.2016-06
2/2
SCB-3003
High Resolution WDR Box Camera
Specifications
Video
Imaging Device
1/3" Super HAD CCD II (Double scan)
NETD
2 : 1 Interlace
Pixel Size
Color : 700TV lines, B/W : 700TV lines
Min. Illumination
0.1Lux@F1.2 (50IRE), 0.0002Lux (Sens-up, 512x)
Video Out
CVBS : 1.0 Vp-p / 75Ω composite
Lens
Lens Type
Manual / Auto iris (Video / DC)
Mount Type
C / CS
Operational
Motion Detection
Samsung-T/E, Pelco-D/P, Panasonic, Bosch, Honeywell, Vicon
Privacy Masking
Pelco-C (Coaxitron)
Gain Control
Fixed / Moved / Fence / Tracking / Counting
White Balance
Off / On
LDC
Off / On
Environmental & Electrical
Operating Temperature / Humidity
-10°C ~ +55°C (+14°F ~ +131°F)
Storage Temperature / Humidity
Less than 90% RH
Input Voltage
Dual (24V AC & 12V DC ±10%)
Mechanical
Color / Material
Black, Silver
RAL Code
Aluminum, Steel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com