Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS36 Datasheet(PDF) 2 Page - Same Sky Devices

Part # TS36
Description  TACTILE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

TS36 Datasheet(HTML) 2 Page - Same Sky Devices

  TS36 Datasheet HTML 1Page - Same Sky Devices TS36 Datasheet HTML 2Page - Same Sky Devices TS36 Datasheet HTML 3Page - Same Sky Devices TS36 Datasheet HTML 4Page - Same Sky Devices TS36 Datasheet HTML 5Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAME SKY | SERIES: TS36 | DESCRIPTION: TACTILE SWITCH
date 12/09/2024 | page 2 of 5
sameskydevices.com
MECHANICAL DRAWING (WITHOUT GROUND)
units: mm
tolerance:
L≤10: ±0.3
10<L≤100: ±0.5
100<L: ±0.6
unless otherwise specified
DESCRIPTION
MATERIAL
PLATING/COLOR
terminal
brass
silver
housing
PA6T (halogen models)
PPA (halogen free models)
black
black
dome
stainless steel
silver
stem
FR52 (halogen models)
PPA (halogen free models)
black
black
waterproof mat rubber
cover
stainless steel
Recommended PCB Layout
Top View
ACTUATOR POSITION
( ): MOMENTARY
NORMAL
DOWN
OFF
(ON)
SCHEMATIC
Model
Actuator Height, H (mm)
31
3.1 mm
35
3.5 mm
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com