Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2005F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPD2005F
Description  Low-Side Power Switch Array (8 Channels) for Motors, Solenoids, and Lamp Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2005F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPD2005F Datasheet HTML 1Page - Toshiba Semiconductor TPD2005F Datasheet HTML 2Page - Toshiba Semiconductor TPD2005F Datasheet HTML 3Page - Toshiba Semiconductor TPD2005F Datasheet HTML 4Page - Toshiba Semiconductor TPD2005F Datasheet HTML 5Page - Toshiba Semiconductor TPD2005F Datasheet HTML 6Page - Toshiba Semiconductor TPD2005F Datasheet HTML 7Page - Toshiba Semiconductor TPD2005F Datasheet HTML 8Page - Toshiba Semiconductor TPD2005F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPD2005F
2006-10-31
1
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD2005F
Low-Side Power Switch Array (8 Channels) for Motors, Solenoids, and Lamp Drivers
The TPD2005F is an 8-channel high-side switch array for vertical power
MOS FET output. A monolithic power IC, it can directly drive a power
load from a CMOS or TTL logic circuit (such as an MPU). It offers
overcurrent and overtemperature protection functions.
Features
A high-side switch array incorporating an N-channel power MOS FET
(1.2 Ωmax.) and an 8-channel charge pump
Can directly drive a power load from a microprocessor.
Built-in protection against thermal shutdown protection and
overcurrent protection
8-channel access enables space-saving design
High operating voltage
: 40 V
Low on resistance
: 1.2 Ωmax. (@VDD = 12 V, IO = 0.5 A (per channel))
Supports parallel operation.
Low operating current
: 5 mA max. (@VDD = 40 V, VIN = 0 V)
Supplied in an SSOP-24 package (300 mil) in embossed taping.
Pin Assignment
Marking
Note: Due to its MOS structure, this product is sensitive to static electricity.
Weight: 0.29g (typ.)
1
VDD
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
VDD
GND
N.C.
N.C.
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
N.C.
N.C.
(top view)
TPD200 5F
Lot No.
A dot indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - TPD2005F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD2005F TOSHIBA-TPD2005F Datasheet
393Kb / 10P
HIGH SIDE POWER SWITCH ARRAY FOR MOTORS, SOLENOIDS, AND LAMP DRIVES
More results

Similar Description - TPD2005F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1011S TOSHIBA-TPD1011S Datasheet
352Kb / 10P
HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD2007F TOSHIBA-TPD2007F Datasheet
351Kb / 9P
LOW-SIDE POWER SWITCH ARRAY FOR MOTORS SOLENOIDS AND LAMP DRIVES
TPD1033F TOSHIBA-TPD1033F Datasheet
319Kb / 10P
HIGH SIDE POWER SWITCH FOR MOTORS, SOLENOIDS AND LAMP DRIVERS
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1008SA TOSHIBA-TPD1008SA_07 Datasheet
762Kb / 11P
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS_07 Datasheet
417Kb / 7P
Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024S TOSHIBA-TPD1024S_07 Datasheet
345Kb / 8P
Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1033F TOSHIBA-TPD1033F_07 Datasheet
427Kb / 11P
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1034F TOSHIBA-TPD1034F_07 Datasheet
456Kb / 11P
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD2007F TOSHIBA-TPD2007F_07 Datasheet
691Kb / 10P
Low-Side Power Switch Array (8 Channels) for Motors, Solenoids, and Lamp Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com