Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4111K Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TPD4111K
Description  Power Device High Voltage Monolithic Silicon Power IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4111K Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TPD4111K Datasheet HTML 17Page - Toshiba Semiconductor TPD4111K Datasheet HTML 18Page - Toshiba Semiconductor TPD4111K Datasheet HTML 19Page - Toshiba Semiconductor TPD4111K Datasheet HTML 20Page - Toshiba Semiconductor TPD4111K Datasheet HTML 21Page - Toshiba Semiconductor TPD4111K Datasheet HTML 22Page - Toshiba Semiconductor TPD4111K Datasheet HTML 23Page - Toshiba Semiconductor TPD4111K Datasheet HTML 24Page - Toshiba Semiconductor TPD4111K Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TPD4111K
2006-06-30
21
Current Control Operating Voltage (U-phase high side)
Note:Sweeps the IS pin voltage and monitors the U pin voltage.
The IS pin voltage when output is off defines the current control operating voltage.
VBS Current Consumption (U-phase high side)
IS
= 0 V → 0.6 V
VM
VBB = 18 V
15 V
VCC = 15 V
VS = 6.1 V
2.5 V
HU+ = 5 V
HV+ = 0 V
HW+ = 0 V
VCC = 15 V
AM
VS = 6.1 V
BSU
= 15 V
2.5 V
HU+ = 5/0 V
HV+ = 0 V
HW+ = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com