Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

652 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 652
Description  Multi-Function Multi-Range Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

652 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  652 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 652 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
121
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Multi-Function Multi-Range Timer
WIRING
The ATC 652 is a micro-processor-based timer with a 4-1/2 digit LCD
display that can provide an indication of either preset time remaining
or elapsed. There are five timing ranges covering time values from
one millisecond to 199 hours 59 minutes. The unit has both an instan-
taneous relay output and a programmable relay output which can be
programmed for any one of 14 different timing modes.
The timing range and mode are selected with an internal DIP switch.
The time value is entered using the keypad on the front face. The
programmed values are retained in memory and are secured in memory
by a keypad lockout command. The keypad can also be used to perform
secondary functions such as reset, immediate time out, time inhibit,
changing the direction of the display, displaying the number of cycles
run, and clearing the cycle counter.
The Model 652 is housed in a standard 15-terminal, plug-in, round
case. Models are available for operation on either 120 VAC or 240 VAC.
DIMENSIONS (INCHES/MILLIMETERS)
• Five Time Ranges From 0.001 SEC
• Replaces Most Electro-Mechanical Timers
• Six Single-Cycle and Eight Repeat-Cycle Timing Modes
• Easy Programming 7/16" High LCD Display
• Sealed Faceplate
• Keypad Lockout of Time Setting
• Internal Cycle Counter
• Data Retention Memory with EEPROM Circuitry
(652-8-4000, 652-8-4001 Models)
• Data Retention Memory with Lithium Battery
(included with timer)
(652-8-5000, 652-8-5001 Models)
model 600-3-3950 surface mounting bracket
E205980


Similar Part No. - 652

ManufacturerPart #DatasheetDescription
logo
Littelfuse
652 LITTELFUSE-652 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
logo
Marl International Limi...
652 MARL-652 Datasheet
406Kb / 4P
횠12.7mm mounting Product will operate over a wide voltage range
logo
Willow Technologies Ltd
652 WILLOW-652 Datasheet
290Kb / 2P
Optical Isolation
logo
Alpha Wire
652 ALPHAWIRE-652 Datasheet
379Kb / 2P
ROHS CERTIFICATE OF COMPLIANCE
logo
Abbatron All Rights Res...
652 ABBATRON-652 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 652

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
August 1997
logo
Microsemi Corporation
TSC341 MICROSEMI-TSC341 Datasheet
726Kb / 4P
Multi-Function Gates
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
May 2001
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
8-Digit Multi-Function Frequency Counter/Timer
logo
Qualtek Electronics Cor...
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
MULTI-FUNCTION MODULE
76218002 QUALTEK-76218002 Datasheet
835Kb / 1P
MULTI-FUNCTION MODULE
logo
Panasonic Semiconductor
PM4HS-H-AC240V PANASONIC-PM4HS-H-AC240V Datasheet
726Kb / 24P
MULTI-RANGE ANALOG TIMER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
MULTI-FUNCTION DIGITAL TIMER
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
Multi-Range ON DELAY TIMER/FLICKER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com