Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

653 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 653
Description  Multi-Function Multi-Range Solid-State
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

653 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  653 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 653 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
123
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Multi-Function Multi-Range
Solid-State
The ATC 653 is a micro-processor-based control that can function as
either a timer or a counter. It has a 4-1/2 digit LCD that can provide an
indication of either the time or count value remaining or elapsed. There
are five timing ranges covering time values from one millisecond to 199
hours 59 minutes. There are also three count speeds to a maximum of
7500 counts per second. The unit has an instantaneous relay output
and a programmable relay output which can be programmed for any one
of 14 different timing modes.
The timing range, count speed and timing mode are programmed with
an internal DIP switch assembly. An external switch determines whether
the time inhibit or count input takes place with application or removal
of voltage. The time or count value is preset by the operator using the
keypad on the front face.
These programmed values are retained in memory and are secured in
memory by a keypad lockout command. The keypad can also be used to
perform secondary functions such as reset, immediate time/count out,
time/count inhibit, changing the direction of the display, displaying the
number of cycles run, and clearing the cycle counter.
The Model 653 is housed in a standard 15-terminal plug-in round case.
Models are available for operation on either 120 VAC or 240 VAC.
Counting can be done at either line voltage or at 12-48 VDC/24 VAC
jumper selected.
• Functions As Timer or Counter
• Five Time Ranges
• Six Single-Cycle and Eight Repeat-Cycle Timing Modes
• Sealed Faceplate
• Cycle Counter
• Count Input Scaling
• Data Retention Memory with EEPROM Circuitry.
(653-8-4000, 653-8-4001 Models)
• Data Retention Memory with Lithium Battery
(included with timer)
(653-8-5000, 653-8-5001 Models)
WIRING
DIMENSIONS (INCHES/MILLIMETERS)
model 600-3-3950 surface mounting bracket
E205980
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 653

ManufacturerPart #DatasheetDescription
logo
Littelfuse
653 LITTELFUSE-653 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
logo
Abbatron All Rights Res...
653 ABBATRON-653 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
English Chain Co. Ltd
653 03 ENGLISHCHAIN-653 03 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
653 04 ENGLISHCHAIN-653 04 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
653 05 ENGLISHCHAIN-653 05 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
More results

Similar Description - 653

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSC341 MICROSEMI-TSC341 Datasheet
726Kb / 4P
Multi-Function Gates
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
Solid-state Multi-functional Timer
logo
Qualtek Electronics Cor...
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
MULTI-FUNCTION MODULE
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
MULTI-FUNCTION MODULE
762-18-003 QUALTEK-762-18-003 Datasheet
376Kb / 1P
MULTI-FUNCTION MODULE
76218002 QUALTEK-76218002 Datasheet
835Kb / 1P
MULTI-FUNCTION MODULE
logo
Omron Electronics LLC
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
Solid-state Multi-functional Timers H3CR-A
logo
Qualtek Electronics Cor...
766-32-001 QUALTEK-766-32-001 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
766-32-002 QUALTEK-766-32-002 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
logo
Contec Co., Ltd
CPS-MC341-ADSC1-111 CONTEC-CPS-MC341-ADSC1-111 Datasheet
540Kb / 3P
Multi-Function Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com