Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPR350C Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # DPR350C
Description  Voltage Phase Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

DPR350C Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  DPR350C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. DPR350C Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
166
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
ENVIRONMENTAL SPECIFICATION
AMBIENT TEMP.
Operating Temp: 0°C to 50°C
Storage Temp: -20°C to 70°C
HUMIDITY
(Non-condensing)
95% RH
POLLUTION DEGREE
IP50 Faceplate
IP30 Housing
IP20 Terminals
MECHANICAL SPECIFICATIONS
NO. OF PUSH BUTTON
3
SIZE
35mm width
MOUNTING
Din Rail Mount
WEIGHT
135 g
CONDUCTOR CROSS
SECTION (SOLID)
1 x (0.5 to 4) Sq. mm
CONDUCTOR CROSS SECTION
(SLEEVED)
(STANDARD)
2 x (0.5 to 1.5) Sq. m
1 x 0.5 TO 2.5) Sq. mm
SCREW TIGHTENING TORQUE
0.5 N-M
EMC
ELECTRICAL COMPATIBILITY
IEC 61326-1
ESD IMMUNITY IEC
61000-4-2
Level 3
SURGE IMMUNITY
IEC 61000-4-5
±2 kV common mode,
±1 kV differential mode
RADIATED SUSCEPTIVILITY
IEC 61000-4-3
Level 3, 80 - 1000 MHz
CONDUCTED SUSCEPTIBILITY
IEC 61000-4-6
LEVEL 2
VOLTAGE DIPS &
INTERRUPTION
IEC 6100-4-11
Dips: 0% residual voltage/
1 cycle (Crit B.)
40% residual voltage /
10 cycles 50 Hz/
12 cycles 60 Hz (Crit C)
70% residual voltage /
25 cycles 50 Hz .
30 cycles 60 Hz (Crit C)
Interruptions: 0% residual voltage /
250 cycles 50 Hz /
300 cycles 60 Hz (Crit C)
CONDUCTED EMMISSIONS
CISPR-11 & IEC 61000-6-3
RADIATED EMISSIONS
CISPR-22
ELECTRICAL FAST TRANSIENT:
IEC 6100-4-4
Level 3
DIMENSIONS
TERMINAL CONNECTIONS
ORDERING INFORMATION
PART NUMBER
OPERATING RANGE
DPR350C
300-600V AC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com