Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # SLD
Description  Phase & Under Voltage Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SLD Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  SLD Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
180
Diversified Electronics
800.727.5646
atcdiversified.com
The SLD Series is designed to protect 3-phase equipment against
PHASE UNBALANCE, PHASE LOSS, UNDER VOLTAGE and PHASE
REVERSAL conditions.
With normal operating voltage present on all three phases in the proper
phase sequence, the internal relay will energize (PICK-UP). When an
incorrect phase sequence or phase loss occurs or the three-phase line
voltages fall outside the preset unbalance or under voltage settings, the
internal relay will de-energize (DROP-OUT). When all conditions return
to normal, the relay will reset.
The Adjustable Release Delay is provided to ignore momentary voltage
fluctuations that cause nuisance tripping.
Both Delta and Wye systems may be monitored. In Wye Systems, con-
nections to neutral are not required.
NOTE: When a phase is lost while the motor is running, a condition
known as regeneration occurs where a voltage is induced into the open
phase nearly equal in magnitude to the normal phase-to-phase volt-
age. The SLD series is designed to detect this condition when properly
adjusted.
The SLD Series is UL Listed under UL File Number E55826.
OPERATION
SPECIFICATIONS
OPERATING
See Table Below
VOLTAGE
TRANSIENT
1000 Volts For 8 mSEC
PROTECTION
RESET
Automatic
PHASE SEQUENCE
ABC (will not operate CBA)
PHASE UNBALANCE 2% to 10%, Adjustable
RANGE
INDICATORS LED
Glows When All Conditions Are Normal
RESPONSE TIMES
Operate
30 mSEC
Release
0.1 to 20 SEC, Adjustable (on
Under Voltage only); 100 mSEC on
Phase Reversal and Unbalance
TEMPERATURE
Operate
32° to +131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
U.S. PATENT
4,331,995
NUMBER
WEIGHT
13.5 oz.
MODEL
OPERATING
UNDER VOLTAGE
POWER
HYSTERESIS
OUTPUT RATING
ENCLOSURE
NUMBER
VOLTAGE
DROPOUT RANGE
REQUIRED
SLD-120-ASA
120 VAC
95-115 Adj.
2.5 VAC
SPDT, 10 Amp, Resistive @ 240 VAC
A
SLD-230-ASA
208/240 VAC
185-230 Adj.
3 VA Max.
5.0 VAC
1/2 HP @ 240 VAC
SLD-380-ASA
380 VAC
315-390 Adj.
10 VAC
SLD-440-ASA
440/480 VAC
370-460 Adj.
SLD-120-ALE
120 VAC
95-115 Adj.
5 VAC
DPDT, 5 Amps, Resistive; 345 VA,
E
SLD-230-ALE
208/240 VAC
185-230 Adj.
Inductive @ 240 VAC
SLD-380-ALE
380 VAC
315-390 Adj.
7 VA Max
10 VAC
DPDT, 3 Amps, Resistive; 360 VA,
SLD-440-ALE
440/480 VAC
370-460 Adj.
Inductive @ 600 VAC
All voltage referenced are phase-to-phase.
Phase & Under Voltage Monitor
DIMENSIONS (INCHES)
WIRING
STYLE "E"
STYLE "E"
STYLE "A"
STYLE "A"
IND. CONT. EQ.
496Y


Similar Part No. - SLD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLD LITTELFUSE-SLD Datasheet
916Kb / 5P
The AEC-Q101 qualified SLD Series is packaged in a highly reliable industry standard P600 axial leaded package and is designed to provide precision overvoltage protection for sensitive electronics
logo
Novaris
SLD NOVARIS-SLD Datasheet
557Kb / 2P
SLD - Signal Line Protectors
logo
SIRENZA MICRODEVICES
SLD-1000 SIRENZA-SLD-1000 Datasheet
332Kb / 5P
4 Watt Discrete LDMOS FET-Bare Die
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
List of Unclassifed Man...
SLD-1083CZ ETC1-SLD-1083CZ Datasheet
218Kb / 5P
4 Watt Discrete LDMOS FET in Ceramic Package
More results

Similar Description - SLD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3PR ETC1-M3PR Datasheet
392Kb / 1P
Phase Sequence / Failure and Under Voltage Relay
logo
Littelfuse
102A LITTELFUSE-102A Datasheet
245Kb / 2P
3-Phase Voltage/Phase Monitor
1-B-100818
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
202-200-SP LITTELFUSE-202-200-SP Datasheet
191Kb / 2P
Single-phase voltage monitor
2016 Rev: 1-A-062716
50R LITTELFUSE-50R Datasheet
192Kb / 2P
Single-phase voltage monitor
2019 Rev: 2-B-050719
777-P2 LITTELFUSE-777-P2 Datasheet
409Kb / 5P
3-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
77C-KW LITTELFUSE-77C-KW Datasheet
551Kb / 3P
Single-Phase Current & Voltage Monitor
2019 Rev: 2-C-042619
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com