Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLM Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # SLM
Description  Microprocessor Based 3-Phase Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SLM Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  SLM Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
184
Diversified Electronics
800.727.5646
atcdiversified.com
SPECIFICATIONS
VOLTAGE TRIP
Drop-Out ±10% of Setting
POINTS
Pick-Up
± 7% of Setting
FREQUENCY TRIP Drop-Out ±4% of 60 Hz (380 V, 50 Hz)
POINTS
Pick-Up
±3% of 60 Hz (380 V, 50 Hz)
UNBALANCE TRIP Drop-Out 7%
POINTS
Pick-Up
5%
RESET
Automatic; Manual; Automatic with Memory*
PHASE SEQUENCE ABC (Will Not Operate CBA)
OUTPUT RATING
DPDT, 360 VA Inductive; 1/2 hp
3 A Resistive @ 600 VAC
SLM (120, 230) ASE - DPDT, 470 VA 10A
Resistive@240VAC
TERMINATIONS
#8-32 Screw Terminals
INDICATORS
Designation
Color
State
Condition
LED*
Time Delay
Green
Flashing
Timing Output
Normal ON
Energized
Under Voltage
Red
ON
Fault
Over Voltage
Red
ON
Fault
Phase Sequence,
Red
ON
Fault
Shift
Frequency Shift
Red
ON
Fault
Unbalance
Red
ON
Fault
Operate
Sampling 2 SEC
Reset Delay (Sampling Delay) + (1.5 seconds
to 5 minute Delay) Adjustable in one
(1) minute increments
Release
Under Voltage
1.5 SEC, (approx.)
Over Voltage
1.5 SEC, (approx.)
Frequency Shift 1.5 SEC, (approx.)
Unbalance
2.0 SEC, (approx.)
*Phase
1.0 SEC, (approx.)
Loss/Shift
TEMPERATURE
Operate
32° to +131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
POWER REQUIRED 7 VA Typical
TRANSIENT
2500 Volts for 10 ms
PROTECTION
ENCLOSURE
Lexan Surface Mounted
WEIGHT
22 oz.
• Models available up to 690 VAC
• Automatic or Manual Reset
• Delay-on-Make Timer
• LED Indicators for Fault
Conditions
• Last Fault Memory
SCREWDRIVER ADJUSTMENT FOR:
• Time Delay
• Voltage
• Mode of Operation
PROTECTS 3-PHASE EQUIPMENT
AGAINST:
• Under Voltage
• Over Voltage
• Phase Loss
• Phase Reversal
• Phase Unbalance
• Phase Shift
• Frequency Shift
*Automatic
with Memory
MODE: The
last fault is
indicated and
remains on
when condi-
tions return
to normal.
The indicator
extinguishes
only with reset
or when new
fault condition
occurs.
Microprocessor Based
3-Phase Monitor
IND. CONT. EQ.
496Y
DIMENSIONS (INCHES)
WIRING
NOMINAL
MODEL
PHASE-TO-PHASE
MAXIMUM
NUMBER
VOLTAGE SET POINTS
VOLTAGE
SLM-120-ASE
105, 110, 115, 120, 125, 130
143 VAC
SLM-230-ASE
200, 210, 220, 230, 240, 250
275 VAC
SLM-380-ASE
350, 365, 380, 390, 400, 415
457 VAC
SLM-440-ASE
440, 450, 460, 470, 480, 490
540 VAC
SLM-575-ASE
525, 550, 575, 600
690 VAC
*Automatic with Memory MODE: The last fault is indicated and
remains on when conditions return to normal.
The indicator extinguishes only with reset or when new fault
condition occurs.
The SLM Series is UL Listed under UL File Number E55826.


Similar Part No. - SLM

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
35A switching capability
logo
Banner Engineering Corp...
SLM BANNER-SLM Datasheet
543Kb / 6P
SLM Series Slot Sensors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
Lapp.
SLM LAPP-SLM Datasheet
409Kb / 1P
SKINTOP® SLM/SLRM Strain relief with metric thread
rev. 2 - 9.18.2018
logo
JST Mfg. Co., Ltd.
SLM-01T-2.0 JST-SLM-01T-2.0 Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
More results

Similar Description - SLM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
Microprocessor Monitor
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
Microprocessor Monitor
2005
logo
List of Unclassifed Man...
CYT809 ETC2-CYT809 Datasheet
170Kb / 4P
3-Pin Microprocessor Reset Monitor (Preliminary)
logo
YOBON TECHNOLOGIES,INC.
YB1921 YOBON-YB1921 Datasheet
149Kb / 5P
3-Pin Microprocessor Reset Monitor
logo
Seaward Electronics Inc...
SE809 SEAWARD-SE809 Datasheet
184Kb / 5P
3-Pin Microprocessor Reset Monitor
logo
Crydom Inc.,
MCPC1225 CRYDOM-MCPC1225 Datasheet
952Kb / 6P
Microprocessor based phase angle controller / SSR
logo
Seaward Electronics Inc...
SE810 SEAWARD-SE810 Datasheet
209Kb / 6P
3-Pin Microprocessor Reset Monitor
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
Microprocessor Monitor
10/28/13
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
3-Pin Microprocessor Reset Monitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com