Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4113K Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TPD4113K
Description  High Voltage Monolithic Silicon Power IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4113K Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TPD4113K Datasheet HTML 9Page - Toshiba Semiconductor TPD4113K Datasheet HTML 10Page - Toshiba Semiconductor TPD4113K Datasheet HTML 11Page - Toshiba Semiconductor TPD4113K Datasheet HTML 12Page - Toshiba Semiconductor TPD4113K Datasheet HTML 13Page - Toshiba Semiconductor TPD4113K Datasheet HTML 14Page - Toshiba Semiconductor TPD4113K Datasheet HTML 15Page - Toshiba Semiconductor TPD4113K Datasheet HTML 16Page - Toshiba Semiconductor TPD4113K Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TPD4113K
2006-11-01
13
Junction temperature Tj (°C)
Dt– Tj
VR – Tj
Junction temperature Tj (°C)
−20
20
60
100
140
0
6.0
2.0
4.0
VCC = 15 V
−20
20
60
100
140
1.0
0
0.8
0.2
0.6
0.4
VCC = 15 V
Junction temperature Tj (°C)
tON – Tj
Junction temperature Tj (°C)
tOFF – Tj
Junction temperature Tj (°C)
VCCUV– Tj
Junction temperature Tj (°C)
VBSUV – Tj
0
3.0
1.0
2.0
−20
20
60
100
140
VBB = 280 V
VCC = 15 V
IC = 0.5 A
High-side
Low-side
−20
20
60
100
140
12.5
10.0
12.0
10.5
11.5
11.0
VCCUVD
VCCUVR
−20
20
60
100
140
10.5
8.0
10.0
8.5
9.5
9.0
VBSUVD
VBSUVR
−20
20
60
100
140
0
3.0
2.0
VBB = 280 V
VCC = 15 V
IC = 0.5 A
High-side
Low-side
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com