Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9331 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C9331
Description  Color sensor evaluation circuit Color sensor evaluation circuit board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9331 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C9331 Datasheet HTML 1Page - Hamamatsu Corporation C9331 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C9331 is an evaluation circuit board specifically designed for Hamamatsu color sensors. A 3-channel current-to-voltage conversion amplifier is
mounted that converts each of RGB photocurrent into voltage signals for output.
Features
l 3 ch current-to-voltage conversion amplifier for color
sensor evaluation
l Color sensors that mount on C9331:
S7505-01, S9032-02, S8751 (optional)
Applications
l Evaluation of Hamamatsu color sensor
MODULE
Color sensor evaluation circuit
Color sensor evaluation circuit board
C9331
1
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Value
Unit
Supply voltage
Vcc Max.
15
V
Operating temperature
Topr
+10 to +40
°C
Storage temperature
Tstg
-10 to +50
°C
s Electrical and optical characteristics (Ta=25 °C, Vcc=9.0 V, common to each RGB channel)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating supply voltage
Vcc
7
9
15
V
Output voltage
VOR, VOG, VOB Zt=5.1 × 10
5 V/A *
0.95
1.00
1.05
V
Saturation output voltage
Vsat
RL
≥100 kΩ
4.6
-
5.35
V
Output offset voltage
Vos
Zt=5.1 × 10
5 V/A
Without photodiode
-
±40
±50
mV
Trans-impedance adjustment
range
Zt
-
1 × 10
5 to
5.1 × 10
5
-V/A
Zt=1 × 10
5 V/A
-
0.5 to 48
-
Input current range
Is
Zt=5.1 × 10
5 V/A
-
0.1 to 9.4
-
µA
Output impedance
Zo
-
510
-
Ω
Amplifier bandwidth
B
Without photodiode
-
DC to 14
-
kHz
* Output obtained when reference current Iref=1.96 µA is injected between the photodiode connection terminals. Zt can be
increased by rotating VR1 to VR3 clockwise.


Similar Part No. - C9331

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9331 HAMAMATSU-C9331_15 Datasheet
387Kb / 2P
Color sensor evaluation circuit
More results

Similar Description - C9331

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S722-QR999 AVAGO-HDJD-S722-QR999 Datasheet
148Kb / 10P
Color Sensor
logo
STMicroelectronics
UM0452 STMICROELECTRONICS-UM0452 Datasheet
1Mb / 30P
Temperature sensor evaluation board
27-Sep-2007
logo
Hamamatsu Corporation
C9331 HAMAMATSU-C9331_15 Datasheet
387Kb / 2P
Color sensor evaluation circuit
logo
Rohm
BH1749NUC-EVK-001 ROHM-BH1749NUC-EVK-001 Datasheet
728Kb / 3P
Color Sensor
logo
TT Electronics.
OPB780-KIT TTELEC-OPB780-KIT Datasheet
299Kb / 9P
Color Sensor Evaluation Kit
logo
Festo Corporation.
538236 FESTO-538236 Datasheet
104Kb / 2P
Color sensor
8058731 FESTO-8058731 Datasheet
84Kb / 2P
Color sensor
8058732 FESTO-8058732 Datasheet
83Kb / 2P
Color sensor
8058734 FESTO-8058734 Datasheet
84Kb / 2P
Color sensor
logo
Omron Electronics LLC
2JCIE-EV OMRON-2JCIE-EV Datasheet
1Mb / 12P
Sensor Evaluation Board
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com