Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS601AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPS601AF
Description  Lead(Pb)-Free Photoelectric Counter Position Detection Various Kinds Of Readers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS601AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPS601AF Datasheet HTML 1Page - Toshiba Semiconductor TPS601AF Datasheet HTML 2Page - Toshiba Semiconductor TPS601AF Datasheet HTML 3Page - Toshiba Semiconductor TPS601AF Datasheet HTML 4Page - Toshiba Semiconductor TPS601AF Datasheet HTML 5Page - Toshiba Semiconductor TPS601AF Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TPS601A(F)
2007-10-01
2
Opto
−Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Dark current
ID (ICEO)
VCE = 30V, E = 0
―
0.01
0.2
μA
TPS601A (F)
100
―
―
TPS601A (A,F)
100
―
300
TPS601A (B,F)
200
―
600
Light current
IL
VCE = 3V
E = 0.1mW / cm
2
(Note)
TPS601A (C,F)
400
―
1200
μA
Collector
−emitter saturation
voltage
VCE (sat)
IC = 30 μA, E = 0.1mW / cm
2
(Note)
―
0.25
0.4
V
rise time
tr
―
2
―
Switching time
fall time
tf
VCC = 5V, IC = 10mA
RL = 100Ω
―
2
―
μs
Peak sensitivity wavelength
λP
―
800
―
nm
Half value angle
θ
2
1
―
±10
―
°
Note: Color temperature = 2870K, standard tungsten lamp.
Precaution
Please be careful of the followings.
1. Soldering temperature: 260°C max.
Soldering time: 5s max.
(Soldering portion of lead: Above 1.5mm from the body of the device.)
2. If the lead is formed, the lead should be formed at a distance of 2mm from the body of the device.
Soldering shall be performed after lead forming.
Product Indication
Monthly production lot
Letter color : Red
Production year(last digit of A.D. is indicated)
S601A・
Production month
(Jan-Dec are indicated by alphabets of A-L)
Model name



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com