Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS103ACS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS103ACS
Description  Dual Operational Amplifiers and Voltage Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS103ACS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS103ACS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS103ACS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS103ACS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS103ACS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS103ACS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS103ACS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS103ACS
Taiwan Semiconductor
2
Version: E2103
ABSOLUTE MAXIMUM RATINGS (Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Power Supply Voltage (V
CC
to GND)
V
CC
20
V
Op Amp 1 and 2 Input Voltage Range
(Pins 2,5,6)
V
IN
-0.3 to V
CC
+0.3
V
Op Amp 2 Input Differential Voltage
(Pins 5,6)
V
ID
20
V
Voltage Reference Cathode Current
(Pin 3)
I
K
100
mA
Power Dissipation
P
D
500
mW
Storage Temperature Range
T
STG
-65 to 150
°C
ESD Protection Voltage (Machine Model)
--
≥200
V
RECOMMENDED OPERATING CONDITIONS (Note 3)
PARAMETER
SYMBOL
CONDITIONS
UNIT
Supply Voltage
VCC
3 ~ 18
V
Operating Ambient Temperature Range
TOPA
-40 to +85
°C
ELECTRICAL SPECIFICATIONS (V
CC = 18V, TA = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Total Supply Current, excluding
Current in Voltage Reference
V
CC
= 5V, no load,
-
40°C ≤ T
A
≤ 85°C
--
0.5
0.8
mA
V
CC
= 18V, no load,
-40°C
≤ T
A
≤ 85°C
--
0.6
1.2
Voltage Reference Section
Reference Voltage
I
KA
= 10mA
2.490
2.500
2.510
V
I
KA
= 10mA @ -
40°C ≤ T
A
≤ 85°C
2.475
2.500
2.525
Reference Voltage Deviation
Over Full Temperature Range
I
KA
= 10mA,
T
A
= -40 to 85°C
--
--
5
5
24
17
mV
Minimum Cathode Current
for Regulation
--
0.2
1.0
mA
Dynamic Impedance
V
CC
= 1~80mA, f<1kHz
0.3
0.5
Ω
OP AMP 1 Section (VCC = 5V, VO= 1.4V, TA = 25°C, unless otherwise noted)
Input Offset Voltage
--
0.5
2
mV
TA = -40 to 85°C
--
--
5
Input Offset Voltage
Temperature Drift
TA = -40 to 85°C
--
7
--
µV/°C
Input Bias Current
(Inverting Input Only)
TA = 25°C
--
20
150
nA
Large Signal Voltage Gain
V
CC
= 15V, R
L
= 2kΩ,
V
O
= 1.4 to 11.4V
85
100
--
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com