Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ-PLATFORMS Datasheet(PDF) 2 Page - Kontron

Part # EZ-PLATFORMS
Description  VME and VPX Evaluation and Development Platforms
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

EZ-PLATFORMS Datasheet(HTML) 2 Page - Kontron

  EZ-PLATFORMS Datasheet HTML 1Page - Kontron EZ-PLATFORMS Datasheet HTML 2Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kontron.com
Kontron Datasheet
2
Asia Pacific
17 Building,Block #1, ABP.
188 Southern West 4th Ring Road
Beijing 100070, P.R.China
Tel.: + 86 10 63751188
Fax: + 86 10 83682438
info@kontron.cn
CORPORATE OFFICES
Europe, Middle East & Africa
Lise-Meitner-Str. 3-5
86156 Augsburg
Germany
Tel.: + 49 821 4086-0
Fax: + 49 821 4086-111
info@kontron.com
North America
14118 Stowe Drive
Poway, CA 92064-7147
USA
Tel.: + 1 888 294 4558
Fax: + 1 858 677 0898
info@us.kontron.com
Ordering Information
Kontron
provides
a
solution
for
a
quick
entry
into
the
evaluation
and
development
of
VME
and
VPX
applications.
EZ turnkey platforms are compact air-cooled rack systems with pre-integrated VME or VPX board along with the associated rear transition module
(RTM) and pre-loaded software. Engineers with no prior VME or VPX expertise can start application development in seconds.
Best-fitted Tool for Hardware Evaluation and Software Development
Kontron EZ Evaluation and Development Platforms are:
» delivered with the necessary equipment and pre-loaded software,
» based on a PowerPC or Intel SBC running Linux or VxWorks,
» compatible with many extensions thanks to their modular design based
on standards,
» ready to use in seconds by just adding standard office peripheral equip-
ment (screen, keyboard, mouse, and network).
Each EZ Platform includes:
» one computer rack and associated boards,
» Getting started and Quick Start documentation,
» one power supply cable,
» one serial cable,
» one DVD-ROM or CD-ROM Fedora or VxWorks.
Software Included
EZ Platforms are delivered pre-loaded with a complete Fedora Linux or
VxWorks distribution augmented with the relevant board support package
which covers features such as:
» Control GPIO lanes on backplane,
» VXFabric™ Inter-CPU communication library (IP sockets on PCIe), for VPX
Platform
» Host bridge watchdog management,
» Temperature sensors,
» Board VPD (Vital Product Data) information,
» R/W and DMA to PCIe backplane library.
Pre-installed Benchmarks
Kontron EZ Evaluation and Development Platforms are designed to
quickly benchmark and develop on Kontron innovative solutions. Sample
benchmarks can help you get the current performances of the system.
For instance on VX3044 EZ Platform, lmbench covers most the classical
OS aspects; iperf will measure networking performance on TCP/IP socket
on ETHERNET. Using iperf on top of VXFabric™ is the best way to assess its
performance. Other benchmark samples are netperf, dhrystone, iozone.
Turnkey Solutions with Key Partners
Kontron offers EZ Platforms with Wind River VxWorks LiveUSB Evaluation
Kit, providing a specially configured evaluation environment. This
solution covers both the target board and the development system.
Service
» Specific EZ hotline channel.
Complete Set for a Quick Start
Power Sypply Cable
Serial Cable
»
Pre-loaded Software:
Linux or VxWorks
»
Pre-installed Benchmarks
3U VPX
Intel® Core™ i7 3rd Gen - VX3042/VX3044
Pre-loaded Linux Fedora
EZ3-VX3042-00-L (dualcore 4GB DDR3)
EZ3-VX3044-00-L (quadcore 8GB DDR3)
EZ3-VX3044-A0-L (on request; dual VX3044, 10 GbE, PCIe3 x8)
Pre-loaded VxWorks 6.9
Please ask
6U VME/VPX
VME PowerPC 8640 - VM6250
VME Intel® Core™ i7 - VM6050
VME Intel Core i7 3rd Gen. – VM6052, VM6054
Linux Preloaded Fedora
EZ1-VM6250-00-L
EZ1-VM6050-00-L
EZ1-VM6052-00-L (dual-core, 8GB DDR3)
EZ1-VM6054-00-L (quad-core, 8GB DDR3)
Hybrid VxWorks/Linux with Preloaded
VxWorks 6.6 and Linux Fedora
EZ1-VM6250-00-L/V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com