Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS830F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPS830F
Description  Si Monolithic Photo−IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS830F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPS830F Datasheet HTML 1Page - Toshiba Semiconductor TPS830F Datasheet HTML 2Page - Toshiba Semiconductor TPS830F Datasheet HTML 3Page - Toshiba Semiconductor TPS830F Datasheet HTML 4Page - Toshiba Semiconductor TPS830F Datasheet HTML 5Page - Toshiba Semiconductor TPS830F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPS830(F)
2007-10-01
1
TOSHIBA Photo−IC Si Monolithic Photo−IC
TPS830(F)
Lead(Pb)-Free
High−Speed Optical Remote Controllers
Wireless Mouse, Wireless keyboard
IR Data Communications
• Photodiode, I−V converter, band−pass filter and
AGC amplifier all incorporated in a single chip
• Carrier frequency: fo = 455kHz (typ.)
• Supply voltage: VCC = 5V
• Visible light cut−off frequency: λ > 700nm
• TLN105B(F) and TLN231(F) available as
infrared LEDs for remote controllers
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
7
V
Output current
IO
±10
μA
Operating temperature range
Topr
−20~60
°C
Storage temperature range
Tstg
−30~100
°C
Soldering temperature range (5 s)
Tsol
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit : mm
TOSHIBA
0−6A1
Weight: 0.3 g (typ.)


Similar Part No. - TPS830F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS830 TOSHIBA-TPS830 Datasheet
331Kb / 6P
Si MONOLITHIC PHOTO-IC
More results

Similar Description - TPS830F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS831 TOSHIBA-TPS831 Datasheet
298Kb / 6P
TOSHIlBA PHOTO IC SI MONOLITHIC PHOTO IC
TPS830 TOSHIBA-TPS830 Datasheet
331Kb / 6P
Si MONOLITHIC PHOTO-IC
TLP759F TOSHIBA-TLP759F_07 Datasheet
150Kb / 2P
GaA?밃s Ired Photo−IC
TLP722 TOSHIBA-TLP722_07 Datasheet
175Kb / 3P
Photo−Diode
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
GaA?밃s Ired & Photo−IC
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
Photo−IC Digital Logic Isolation
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
Photo−IC Isolated Line Receiver
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
Photo−IC Digital Logic Isolation.
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
Photocoupler GaA?밃s Ired & Photo−IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com