Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBA Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # CBA
Description  AC Current Band Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

CBA Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  CBA Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
192
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
AC Current Band Monitor
WIRING
DIMENSIONS (INCHES)
The CBA Series is used to detect UNDER and OVER CURRENT conditions.
When the monitored current is within the normal current band, both internal
relays are de-energized (Drop-out). When the current rises above the over
current setting for longer than 1.0 second, the over current relay energizes
(Pick-up). If the current falls below the under current setting for longer
than 1.0 second, the under current relay energizes. When the monitored
current returns to normal, the relays will automatically reset. The over and
under current trip points are independently adjustable.
An External CT may be used to extend the range of the Current Monitor.
MODEL
UNDER
OVER
NUMBER
CURRENT RANGE
CURRENT RANGE
CBA-120-ALE-1
0.2 to 1.0 amps,
0.2 to 1.0 amps,
Adjustable
Adjustable
CBA-120-ALE-5
1.0 to 5.0 amps,
1.0 to 5.0 amps,
Adjustable
Adjustable
CBA-120-ALE-10
2.0 to 10 amps,
2.0 to 10 amps,
Adjustable
Adjustable
CBA-120-ALE-20
4.0 to 20 amps,
4.0 to 20 amps,
Adjustable
Adjustable
CBA-120-ALE-30
6.0 to 30 amps,
6.0 to 30 amps,
Adjustable
Adjustable
CBA-120-ALE-40
8.0 to 40 amps,
8.0 to 40 amps,
Adjustable
Adjustable
SPECIFICATIONS
CONTROL
120 VAC, 50/60 Hz
VOLTAGE
TRIP POINTS
Over Current
Pick-up
See Table Below
Drop-out
2% below Pick-up
Under Current
Pick-up
See Table Below
Drop-out
2% above Pick-up
OUTPUT
10 Amps @ 120 VAC, Resistive
HYSTERESIS
2%
RESPONSE TIME
Operate
1.0 SEC
Release
30 mSEC
INDICATORS
LED’s Show Over/Under Current Status
RESET
Automatic
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
CONTACT
(2) Form C Contacts. One each for Over/Under
ARRANGEMENT
ENCLOSURE
Lexan Surface Mounted; #8-32 Screw Terminals
WEIGHT
16 oz.


Similar Part No. - CBA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CBA MSYSTEM-CBA Datasheet
83Kb / 3P
Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBA VISHAY-CBA Datasheet
83Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
CBA VISHAY-CBA Datasheet
68Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
logo
SAMWHA ELECTRIC
CBA3216GA102N4 SAMWHA-CBA3216GA102N4 Datasheet
382Kb / 8P
BEADS ARRAY
CBA3216GA121N4 SAMWHA-CBA3216GA121N4 Datasheet
382Kb / 8P
BEADS ARRAY
More results

Similar Description - CBA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
CURRENT SHUNT MONITOR
logo
ATMEL Corporation
U4793B ATMEL-U4793B Datasheet
130Kb / 6P
CURRENT MONITOR IC
U4793B ATMEL-U4793B_05 Datasheet
178Kb / 8P
Current Monitor IC
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
Texas Instruments
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
Current Shunt Monitor
logo
Axiomtek Co., Ltd.
LS-460 AXIOMTEK-LS-460 Datasheet
103Kb / 1P
Narrow Band Industrial LCD Monitor
LS-550 AXIOMTEK-LS-550 Datasheet
123Kb / 1P
Narrow Band Industrial LCD Monitor
logo
Texas Instruments
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
Current-Shunt Monitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com