Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDD Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # CDD
Description  Universal DC Current Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

CDD Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  CDD Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
193
Diversified Electronics
800.727.5646
atcdiversified.com
The CDD Series may be used as an OVER CURRENT Monitor OR an
UNDER CURRENT Monitor. The CDD has adjustable Delay-on-Operate
and adjustable Delay-on-Release time delays. When the current
exceeds the preset current trip point for longer than the Delay-on-
Operate time delay, the internal relay will energize (Pick-up). When the
current drops below the preset current trip point for longer than the
Delay-on-Release time delay, the internal relay will de-energize (Drop-
out). When used as an Over Current Monitor the Delay-on-Operate time
delay is used to override inrush periods. When used as an Under Current
Monitor, the Delay-on-Release timer is used to override a temporary
under current condition.
Universal DC Current Monitor
WIRING
DIMENSIONS (INCHES)
MODEL NUMBER
CDD
120
A
L
E
CONTROL VOLTAGE
120 Volts
120
TYPE OF VOLTAGE
AC
A
ADJUSTMENT
Lockshaft
L
FEATURES
0.2 to 1 amp adj.
1
0.5 to 2.5 amps adj.
2.5
1.0 to 5.0 amps adj.
5
2.0 to 10 amps adj.
10
4.0 to 20 amps adj.
20
SPECIFICATIONS
CONTROL VOLTAGE 120 VAC, 50/60 Hz
TRIP POINTS
Over Current
Pick-up See order information
Drop-out 5% below Pick-up
OUTPUT
SPDT, 10 Amps @ 240 VAC Resistive
HYSTERESIS
5%
RESPONSE TIME
Operate 0.2 to 10 SEC, Adjustable
Release 0.2 to 10 SEC, Adjustable
INDICATORS
Trip (Amber)
Glows when current is above
the trip point
Relay (Green) Glows when Relay is energized
RESET
Automatic
TEMPERATURE
Operate 32° to 131°F (0° to +55°C)
RATING
Storage -49° to 185°F (-45° to +85°C)
ENCLOSURE
Lexan Surface Mounted; #8-32 Screw Terminals
WEIGHT
20 oz.
MODEL NUMBER
Diversified Electronics
800.727.5646
atcdiversified.com


Similar Part No. - CDD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CDD-38-30003 MACOM-CDD-38-30003 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
CDD-38-30004 MACOM-CDD-38-30004 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
CDD-38-30005 MACOM-CDD-38-30005 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
CDD-38-30008 MACOM-CDD-38-30008 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
CDD-38-30012 MACOM-CDD-38-30012 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
More results

Similar Description - CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3482 LINER-LT3482 Datasheet
196Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
Linear Technology
LT3482 LINER-LT3482_15 Datasheet
202Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
Boost DC/DC Converter with APD Current Monitor
logo
Tripp Lite. All Rights ...
MR1612 TRIPPLITE-MR1612 Datasheet
489Kb / 2P
Universal Monitor Riser
logo
Texas Instruments
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
Current-Shunt Monitor
logo
Tripp Lite. All Rights ...
MR2208G TRIPPLITE-MR2208G Datasheet
481Kb / 2P
Universal Glass-Top Monitor Riser
logo
Linear Technology
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
Boost DC/DC Converter with APD Current Monitor
logo
Tripp Lite. All Rights ...
DMA1327SD TRIPPLITE-DMA1327SD Datasheet
158Kb / 3P
Universal Dual-Monitor Mount Adapter
MR1815SWVL TRIPPLITE-MR1815SWVL Datasheet
163Kb / 2P
Universal Swivel Monitor Stand/Riser
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com