Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # CMB
Description  AC Go/No-Go Current Monitor/Relay
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

CMB Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  CMB Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
197
Diversified Electronics
800.727.5646
atcdiversified.com
E55826
AC Go/No-Go Current Monitor/Relay
• Easy Installation
• No physical connection to the AC line that is being monitored
• Magnetically coupled by passing supply line through
protruding Current Transformer
• 8-Pin, Plug-in
SPECIFICATIONS
CONTROL VOLTAGE 24 or 120 VAC; 50/60 Hz, 24 VDC
TRIP POINTS
1-10 Amps, Fixed
AC INPUT CURRENT Up to 50 Amps
OUTPUT
SPDT, 10 Amps @ 240 VAC Resistive;
211 VA @ 120 VAC Inductive:
1/6 Horsepower @ 120 VAC or
1/3 Horsepower @ 240 VAC
POWER
3 Watts (Approximately)
CONSUMPTION
RESPONSE TIME
Operate
30 mSEC
Release
0.5 SEC
LIFE EXPECTANCY
Mechanical 10 Million Operations (Minimum)
Electrical
100,000 Operations @
Rated Load
DUTY CYCLE
Continuous
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
SOCKETS
RB-08 or PF083A
ENCLOSURE
Lexan Dust Cover; 8-Pin plug-in
WEIGHT
6 oz
OPERATION
WIRING
DIMENSIONS (INCHES)
The CMB Series relay is used to detect the presence of AC current.
When the monitored current exceeds the trip point for longer than 30
milliseconds, the internal relay energizes. When the monitored current
drops below the trip point for longer than 0.5 seconds, the internal relay
de-energizes. The Delay-on-Release is incorporated to prevent nuisance
tripping caused by momentary dips in the load line.
An External CT may be used to extend the range of the Current Monitor.
MODEL NUMBER
CMB
F
A
CONTROL VOLTAGE
24 Volts AC
24
A
24 Volts DC (Not
)
24
D
120 Volts AC
120
A
CURRENT TRIP POINTS
1 amp
1
2 amps
2
3 amps
3
4 amps
4
5 amps
5
6 amps
6
7 amps
7
8 amps
8
9 amps
9
10 amps
10
MODEL NUMBER
Diversified Electronics
800.727.5646
atcdiversified.com


Similar Part No. - CMB

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
CMB ADVANCEDENERGY-CMB Datasheet
877Kb / 7P
EXCELSYS COOLX® MODULES INTELLIGENT MODULAR POWER SUPPLIES
10.20
logo
Vishay Siliconix
CMB 0207 VISHAY-CMB 0207 Datasheet
188Kb / 11P
High Pulse Load Carbon Film MELF Resistors
11-Feb-16
logo
Carling Technologies
CMB-103-27G3N-B-A CARLINGTECH-CMB-103-27G3N-B-A Datasheet
936Kb / 4P
THERMAL CIRCUIT PROTECTORS
logo
CUI INC
CMB-6544PF CUI-CMB-6544PF Datasheet
931Kb / 4P
electret condenser microphone
logo
CUI Devices
CMB-6544PF CUID-CMB-6544PF Datasheet
775Kb / 4P
ELECTRET CONDENSER MICROPHONE
08/05/2022
More results

Similar Description - CMB

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
KGEA-SMD PREMO-KGEA-SMD Datasheet
256Kb / 2P
Keyless go emitter antenna smd
KGEA-DH PREMO-KGEA-DH Datasheet
253Kb / 2P
Keyless go Emitter Antenna
logo
Kingston Technology Far...
SDG3 KINGSTON-SDG3 Datasheet
321Kb / 2P
CANVAS GO! PLUS SD
SDCG3 KINGSTON-SDCG3 Datasheet
233Kb / 2P
CANVAS GO! PLUS microSD
logo
PHOENIX CONTACT
1229457 PHOENIX-1229457 Datasheet
46Kb / 2P
Transport bag - THERMOMARK GO BAG
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
Case - THERMOMARK GO CASE
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
Thermal transfer printer - THERMOMARK GO
logo
Maxim Integrated Produc...
MAXREFDES212 MAXIM-MAXREFDES212 Datasheet
661Kb / 4P
Ultra-Portable IO on the Go MEET Go-IO
logo
List of Unclassifed Man...
G125 ETC-G125 Datasheet
171Kb / 1P
GO/NO-GO GAGE M22520/3-1 ENVELOPE DRAWING
REV.4
G135-ENV ETC-G135-ENV Datasheet
252Kb / 1P
GO/NO-GO GAGE ENVELOPE DRAWING
REV.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com