Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CML24ASE.25 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # CML24ASE.25
Description  AC Over Current Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

CML24ASE.25 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  CML24ASE.25 Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
202
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
AC Over Current Monitor
INCLUDES MANUAL RESET
OPERATION
The CML Series is used to detect OVER CURRENT conditions. The inter-
nal relay energizes (Pick-up) when the monitored current exceeds the
preset trip point for longer than the adjustable time delay period. The
adjustable delay is incorporated to prevent nuisance tripping caused by
motor inrush currents. The CML has the MANUAL RESET feature. The in-
ternal relay de-energizes (Drop-out) when the reset button is pressed.
If the current is below the trip point when the button is released, the
relay will remain de-energized. If the current is above the trip point, the
relay will re-energize.
An External CT may be used to extend the range of the Current Monitor.
DIMENSIONS (INCHES)
WIRING
SPECIFICATIONS
CONTROL VOLTAGE 24 or 120 VAC; 50/60 Hz
TRIP POINTS
Pick-up
See order information
Drop-out
5% below Pick-up
(After Manual Reset)
OUTPUT
DPDT, 10 Amp @ 120 VAC Resistive
HYSTERESIS
5%
RESPONSE TIME
Operate
0.1 to 5 SEC, Adjustable
INDICATORS
LED Glows On Over Current
(Style “E” Enclosure Only)
RESET
Manual
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
ENCLOSURE
Style A
Lexan Dust Cover; 11-pin Plug-in
Style E
Lexan Surface Mounted:
#8-32 Screw Terminals
SOCKET
Style A: RB-11 Style E: 13 oz.
WEIGHT
6 oz.
MODEL NUMBER
CML
A
S
CONTROL VOLTAGE
24 Volts
24
120 Volts
120
TYPE OF CONTROL VOLTAGE
AC
A
ENCLOSURE STYLE
Plug-In
A
Surface Mount
E
CURRENT TRIP POINTS
0.05 to 0.25 amp adj.
.25
0.2 to 1 amp adj.
1
1.0 to 5.0 amps adj.
5
2.0 to 10 amps adj.
10
4.0 to 20 amps adj. (E Housing Only)
20
MODEL NUMBER


Similar Part No. - CML24ASE.25

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
CML225M50 NTE-CML225M50 Datasheet
18Kb / 1P
MULTILAYER (MONOLYTHIC) CERAMIC
More results

Similar Description - CML24ASE.25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DIA01C7245A ETC2-DIA01C7245A Datasheet
106Kb / 3P
Monitoring Relays 1-Phase AC/DC Over Current
DUA01C724500V ETC2-DUA01C724500V Datasheet
197Kb / 4P
Monitoring Relays 1-Phase AC/DC Over Voltage - AC Over Current
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
Over current, Over Voltage Protection
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
Over current, Over Voltage Protection
logo
Texas Instruments
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
Current Shunt Monitor
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
Current-Shunt Monitor
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
input surge current, over voltage, over load, and over current protections
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com