Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSERIES Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # CTSERIES
Description  Current Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

CTSERIES Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  CTSERIES Datasheet HTML 1Page - Automatic Timing & Controls, Inc. CTSERIES Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
208
Diversified Electronics
800.727.5646
atcdiversified.com
DIMENSIONS (MM)
CT-30/5, 50/5, 100/5, 200/5
CT-30/5
CT-50/5, 100/5
CT-200/5
CT-500/5, 1000/5
SPECIFICATIONS
INPUT/OUTPUT
Rated primary rating
30A to 1000A
Rated secondary output
5A
TECHNICAL
Rated burden (VA)
1VA to 15VA
SPECIFICATIONS
Class of accuracy
0.5 to 5
Thermal Nominal Continuous
120% of In Rated Current (Icth)
Thermal short circuit current (Ith)
Ith = 60 X In for 1 sec
Instrument security factor
FS <5
Insulation class
E (120°C max)
Max operating voltage (Um)
720V maximum
Isolation test voltage
3kV AC 1 min
Nominal rated frequency
AC 50Hz - 60Hz
ENVIRONMENTAL Ambient temperature
0°C to +50°C
SPECIFICATIONS
Humidity
< 95% RH (non-condensing)
Storage temperature
-5°C to +50°C
MOUNTING
Mounting modes Panel Mount / DIN Rail Mount
STANDARD
Applicable standard
IEC 61869-2
Diversified Electronics
800.727.5646
atcdiversified.com
Current Transformers
The CT Current Transformers are available in a wide range of
bus bar sizes and a current measuring range of 30A to 1000A.
The transformers are CE and UL cURus listed.
• Use with different bus bar
• Accuracy: Class 0.5 to 5
• 30/5 to 1000/5 Amperes
• Panel Mount/ DIN Rail Mount (Optional Accessory)
ORDERING INFORMATION
MODEL
CURRENT RATIO
BURDEN
ACCURACY CLASS
CT-30/5
30/5 A
1 VA
5
CT-50/5
50/5 A
1.5 VA
3
CT-100/5
100/5 A
3 VA
1
CT-200/5
200/5 A
2.5 VA
0.5
CT-500/5
500/5 A
5 VA
1
CT-1000/5
1000/5 A
15 VA
0.5
ACCESSORIES
DIN Rail Clamp
CTDRC
CTDRC - DIN Rail Clamp
IND. CONT. EQ.
496Y


Similar Part No. - CTSERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTSERIES ETC2-CTSERIES Datasheet
1Mb / 1P
SMD LVDS SO 5.0X3.2X1.2MM CT SERIES
More results

Similar Description - CTSERIES

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
Current Sense Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
Current Sense Transformers
logo
Myrra
74500 MYRRA-74500 Datasheet
84Kb / 1P
CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
CURRENT TRANSFORMERS
74540 MYRRA-74540 Datasheet
87Kb / 1P
CURRENT TRANSFORMERS
74550 MYRRA-74550 Datasheet
97Kb / 1P
CURRENT TRANSFORMERS
74560 MYRRA-74560 Datasheet
108Kb / 1P
CURRENT TRANSFORMERS
74570 MYRRA-74570 Datasheet
97Kb / 1P
CURRENT TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com