Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT-30/5 Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # CT-30/5
Description  Current Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

CT-30/5 Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  CT-30/5 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. CT-30/5 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
209
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
Example:
1.
Measure the current on each leg.
Assume
A = 10 amps
B = 12 amps
C = 9 amps
2.
Find Average 10 + 12 + 9 = 31
31
= 10.33
3
I max = 12
I avg = 10.33
3.
Apply formula 12 - 10.33 = 1.67
1.67
= .139 x 100 = 13.9% unbalance
12
THREE PHASE CURRENT UNBALANCE
EXTERNAL CURRENT TRANSFORMERS
Balanced or matched currents on a three phase system are difficult
to maintain because of the many varying factors involved such as,
unequal single phase loading, poor connections and cabling and/or
dirty or burnt starter contacts.
Although these varying factors can be controlled to maintain as close
as possible a balanced line, the unseen conditions such as overheated
motor windings, burnt bearings, low voltage, high voltage and single
phasing need to be constantly monitored to protect your valuable
equipment.
The CLB Series Three Phase Current Unbalance and Over Current
Monitor (page 176) offers this protection.
To determine the condition of your three phase line and to properly
select the CLB Series percent unbalance setting a simple calculation
formula is needed as follows:
(I max - I avg)
x 100
I max
The load or burden that can be connected to the secondary of the
Current Transformer is usually specified in VA. The rated accuracy of
the Current Transformer is guaranteed only when the sum of the VA
ratings of all devices (ampmeters, wattmeters, current monitors, etc.)
connected to the secondary windings does not exceed the specified
VA rating.
The interconnecting conductor resistance must also be considered,
especially when the Transformer is installed at some distance from the
Current Monitor or other load.
For the wiring, the VA can be calculated using Ohm’s Law:
VA = E x I = (I x R) x I = I2R
Where I = 5 Amps and R is the DC resistance of the wire.
All of the standard DE Current Transformers have a rating of 2 VA
except the 2500/5 version which has a 5 VA rating.
From the above formula we can also calculate the maximum resistance
that can be connected to the secondary of a Current Transformer:
VA=I2R, Hence R = VA
I2
Example:
VA = 2
Rmax = VA = 2 = 0.08 Ohms = 80 milliohms
I2
(5)2
VA = 5
Rmax = VA = 5 = 0.2 Ohms = 200 milliohms
I2
(5)2
If the only load on the Current Transformer is a DE Current Monitor,
its VA rating (approx. 0.15 VA) is small compared to the Current
Transformer rating and can be neglected. This means that the resis-
tance of the wiring can be 80 milliohms max. for the 2 VA units and
200 milliohms max for the 5 V A unit.
Gauge
Ohms per 1000'
Milliohms per foot
AWG 14
2.5
2.5
AWG 16
4.0
4.0
AWG 18
6.4
6.4
AWG 20
10.0
10.0
Example:
For a 2 VA Current Transformer, the length of AWG 16 wire would be:
80 milliohms
4.0 milliohms/ft
= 20'
Because we are dealing with a pair of wires, the maximum distance
from the Current Transformer to the Current Monitor can be only 10
ft.
As we can see, it is important to keep the wire length to minimum,
use heavy wire, and keep all connections clean and tight.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com