Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD660HTX75P7HB Datasheet(PDF) 10 Page - StarPower Europe AG

Part # GD660HTX75P7HB
Description  750V/660A 6 in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD660HTX75P7HB Datasheet(HTML) 10 Page - StarPower Europe AG

Back Button GD660HTX75P7HB Datasheet HTML 3Page - StarPower Europe AG GD660HTX75P7HB Datasheet HTML 4Page - StarPower Europe AG GD660HTX75P7HB Datasheet HTML 5Page - StarPower Europe AG GD660HTX75P7HB Datasheet HTML 6Page - StarPower Europe AG GD660HTX75P7HB Datasheet HTML 7Page - StarPower Europe AG GD660HTX75P7HB Datasheet HTML 8Page - StarPower Europe AG GD660HTX75P7HB Datasheet HTML 9Page - StarPower Europe AG GD660HTX75P7HB Datasheet HTML 10Page - StarPower Europe AG GD660HTX75P7HB Datasheet HTML 11Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GD660HTX75P7HB
IGBT Module
©2023 STARPOWER Semiconductor Ltd.
2/28/2022
10/11
B04
Circuit Schematic
7
8
9
17
19
21
11
13
15
20
22
18
12
14
16
1
3
5
2
4
6
10
29
26
27
28
23
Package Dimensions
Dimensions in Millimeters
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com