Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPM7236-R Datasheet(PDF) 2 Page - Rohm

Part # RPM7236-R
Description  IR Receiver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM7236-R Datasheet(HTML) 2 Page - Rohm

  RPM7236-R Datasheet HTML 1Page - Rohm RPM7236-R Datasheet HTML 2Page - Rohm RPM7236-R Datasheet HTML 3Page - Rohm RPM7236-R Datasheet HTML 4Page - Rohm RPM7236-R Datasheet HTML 5Page - Rohm RPM7236-R Datasheet HTML 6Page - Rohm RPM7236-R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RPM7236-R series
Photo Link Module
Rev.C
2/6
Block diagram
AMP
100k
Ω
Comparator
Limiter
ROUT
GND
VCC
I / V
BPF
Demodulator
and integrator
Terminal description
Pin name
Pin No.
Function
1VOUT
OUTPUT TERMINAL
GROUND
POWER SUPPLY
2
3
GND
VCC
Electrical, Optical characteristics (Unless otherwise noted Ta=25
°C, VCC=3V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Consumption current
ICC
VH
L
VL
TON
TOFF
fo
300
µA
No outside light, no signal input.
Outer light condition Ee
< 10 (Ix)
Isink < 200
µA
Effective distance
High level output voltage
Low level output voltage
ON pulse width
OFF pulse width
Central frequency
Vertical half angle
∗1 The burst wave form mentioned in Fig.1 is to be transmitted from standard transmitter(Fig.2)
Measure 10th or later pulse width after beginning of transmission.
∗2 The angle which effective distance become 50% of L. (effective distance at θ=0°)
15
−
−
600
500
m
−
V
−
V
µs
0.5
800
Horizontal half angle
θ 1/2
θ 1/2
600
36.0
∗1
∗1
∗1
Outer light condition Ee
< 10 (Ix)
∗1
Outer light condition Ee
< 10 (Ix)
∗1
∗2
∗2
−
8
400
2.5
−
400
−
−
−
35
45
µs
800
kHz
−
−
deg
deg
−
Measurement Conditions
(1) Transmit signal
Fig.1 Transmit signal.
600
µs
600
µs
Carrier frequency
=fo, Duty=50%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com