Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD820HTX75P6HL Datasheet(PDF) 4 Page - StarPower Europe AG

Part # GD820HTX75P6HL
Description  750V/820A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD820HTX75P6HL Datasheet(HTML) 4 Page - StarPower Europe AG

  GD820HTX75P6HL Datasheet HTML 1Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 2Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 3Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 4Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 5Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 6Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 7Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 8Page - StarPower Europe AG GD820HTX75P6HL Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GD820HTX75P6HL
IGBT Module
©2019 STARPOWER Semiconductor Ltd.
7/24/2019
4/9
Diode Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=450A,VGE=0V,Tj=25
oC
1.40
1.65
V
IF=450A,VGE=0V,Tj=150
oC
1.35
IF=450A,VGE=0V,Tj=175
oC
1.30
Qr
Recovered Charge
VR=400V,IF=450A,
-di/dt=4500A/
μs,V
GE=-8V
Tj=25
oC
18.0
μC
IRM
Peak Reverse
Recovery Current
225
A
Erec
Reverse Recovery
Energy
6.30
mJ
Qr
Recovered Charge
VR=400V,IF=450A,
-di/dt=4500A/
μs,V
GE=-8V
Tj=150
oC
36.0
μC
IRM
Peak Reverse
Recovery Current
315
A
Erec
Reverse Recovery
Energy
11.7
mJ
Qr
Recovered Charge
VR=400V,IF=450A,
-di/dt=4500A/
μs,V
GE=-8V
Tj=175
oC
40.5
μC
IRM
Peak Reverse
Recovery Current
333
A
Erec
Reverse Recovery
Energy
13.5
mJ
NTC Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R25
Rated Resistance
5.0
k
Ω
∆R/R
Deviation of R100
TC=100
oC,R
100
=493.3Ω
-5
5
%
P25
Power
Dissipation
20.0
mW
B25/50
B-value
R2=R25exp[B25/50(1/T2-
1/(298.15K))]
3375
K
B25/80
B-value
R2=R25exp[B25/80(1/T2-
1/(298.15K))]
3411
K
B25/100
B-value
R2=R25exp[B25/100(1/T2-
1/(298.15K))]
3433
K
Module Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
LCE
Stray Inductance
8
nH
RCC’+EE’
Module Lead Resistance, Terminal to Chip
0.75
m
Ω
△p △V/△t=10.0dm3/min,T
F=75
oC
64
mbar
p
Maximum Pressure In Cooling Circuit
2.5
bar
RthJF
Junction-to-Cooling Fluid (per IGBT)
Junction-to-Cooling Fluid (per Diode)
0.133
0.217
K/W
M
Terminal Connection Torque, Screw M4
1.8
2.2
N.m
G
Weight of Module
755
g



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com