Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPM7237-R Datasheet(PDF) 1 Page - Rohm

Part # RPM7237-R
Description  IR Receiver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM7237-R Datasheet(HTML) 1 Page - Rohm

  RPM7237-R Datasheet HTML 1Page - Rohm RPM7237-R Datasheet HTML 2Page - Rohm RPM7237-R Datasheet HTML 3Page - Rohm RPM7237-R Datasheet HTML 4Page - Rohm RPM7237-R Datasheet HTML 5Page - Rohm RPM7237-R Datasheet HTML 6Page - Rohm RPM7237-R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RPM7237-R series
Photo Link Module
Rev.B
1/6
IR Receiver Module
RPM7237-R series
RPM7237-R series are remote control receiver module. Small-sized, light-weight, and low voltage operated (from 2.7V)
modules have been achieved by using resin mold.
Center frequency
36.7kHz
Applications
All household electric appliances such as TV, DVD, air conditioner and audio equipment.
Features
1) Low voltage operation. (VCC=2.7 to 3.6V)
2) Low current consumption. (ICC=0.3mA, VCC=3V)
3) Superior anti VCC noise characteristics.
4) 5 types of holders available to each set.
RPM7237-R series
Sub carrier
frequency
SIDE VIEW
TOP VIEW
RSIP-A3 (H9)
12.0mm
RPM7237-H9R
∗Under development
RSIP-A3 (H8)
7.2mm
RPM7237-H8R
RSIP-A3 (H13)
15.0mm
∗RPM7237-H13R
RSIP-A3 (H5)
9.6mm
RPM7237-H5R
RSIP-A3 (H4)
15.9mm
RPM7237-H4R
Height to lens
36.7kHz
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
VCC
6.3
−30 to +100
2.0
V
Output current
Tstg
IO
°C
mA
Supply Voltage
Storage temperature
−10 to +75
Topr
°C
Operating temperature voltage
Recommended operating conditions (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
3.0
V
2.7
3.6


Similar Part No. - RPM7237-R

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM7237-H13 ROHM-RPM7237-H13 Datasheet
166Kb / 7P
IR Receiver Module
RPM7237-H13 ROHM-RPM7237-H13 Datasheet
223Kb / 7P
IR Receiver Module
RPM7237-H4 ROHM-RPM7237-H4 Datasheet
166Kb / 7P
IR Receiver Module
RPM7237-H4 ROHM-RPM7237-H4 Datasheet
223Kb / 7P
IR Receiver Module
RPM7237-H5 ROHM-RPM7237-H5 Datasheet
166Kb / 7P
IR Receiver Module
More results

Similar Description - RPM7237-R

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM7200 ROHM-RPM7200 Datasheet
166Kb / 7P
IR Receiver Module
RPM7100 ROHM-RPM7100 Datasheet
175Kb / 8P
IR Receiver Module
RPM7236 ROHM-RPM7236 Datasheet
140Kb / 7P
IR Receiver Module
RPM7137 ROHM-RPM7137 Datasheet
213Kb / 8P
IR Receiver Module
RPM7138 ROHM-RPM7138 Datasheet
198Kb / 8P
IR Receiver Module
RPM7138-R ROHM-RPM7138-R Datasheet
120Kb / 8P
IR Receiver Module
RPM7140-R ROHM-RPM7140-R Datasheet
118Kb / 8P
IR Receiver Module
RPM7157-R ROHM-RPM7157-R Datasheet
156Kb / 8P
IR Receiver Module
RPM7236-R ROHM-RPM7236-R Datasheet
120Kb / 7P
IR Receiver Module
RPM6900 ROHM-RPM6900_08 Datasheet
108Kb / 8P
IR Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com