Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD950HTX75P6HB Datasheet(PDF) 4 Page - StarPower Europe AG

Part # GD950HTX75P6HB
Description  750V/950A 6 in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD950HTX75P6HB Datasheet(HTML) 4 Page - StarPower Europe AG

  GD950HTX75P6HB Datasheet HTML 1Page - StarPower Europe AG GD950HTX75P6HB Datasheet HTML 2Page - StarPower Europe AG GD950HTX75P6HB Datasheet HTML 3Page - StarPower Europe AG GD950HTX75P6HB Datasheet HTML 4Page - StarPower Europe AG GD950HTX75P6HB Datasheet HTML 5Page - StarPower Europe AG GD950HTX75P6HB Datasheet HTML 6Page - StarPower Europe AG GD950HTX75P6HB Datasheet HTML 7Page - StarPower Europe AG GD950HTX75P6HB Datasheet HTML 8Page - StarPower Europe AG GD950HTX75P6HB Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GD950HTX75P6HB
IGBT Module
©2021 STARPOWER Semiconductor Ltd.
9/30/2021
4/11
B05
Tj=25
oC,VCC=400V,
VCEM≤750V
tP≤3μs,VGE=15V,
Tj=175
oC,VCC=400V,
VCEM≤750V
3800
Diode Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=450A,VGE=0V,Tj=25
oC
1.35
1.60
V
IF=450A,VGE=0V,Tj=150
oC
1.30
IF=450A,VGE=0V,Tj=175
oC
1.25
IF=950A,VGE=0V,Tj=25
oC
1.65
IF=950A,VGE=0V,Tj=175
oC
1.65
Qr
Recovered Charge
VR=400V,IF=450A,
-di/dt=5540A/μs,VGE=-8V
LS=24nH,Tj=25
oC
17.6
μC
IRM
Peak Reverse
Recovery Current
198
A
Erec
Reverse Recovery
Energy
3.68
mJ
Qr
Recovered Charge
VR=400V,IF=450A,
-di/dt=5010A/μs,VGE=-8V
LS=24nH,Tj=150
oC
34.3
μC
IRM
Peak Reverse
Recovery Current
258
A
Erec
Reverse Recovery
Energy
7.35
mJ
Qr
Recovered Charge
VR=400V,IF=450A,
-di/dt=4920A/μs,VGE=-8V
LS=24nH,Tj=175
oC
39.9
μC
IRM
Peak Reverse
Recovery Current
276
A
Erec
Reverse Recovery
Energy
8.56
mJ
NTC Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R25
Rated Resistance
5.0
kΩ
∆R/R
Deviation of R100
TC=100
oC,R100=493.3Ω
-5
5
%
P25
Power
Dissipation
20.0
mW
B25/50
B-value
R2=R25exp[B25/50(1/T2-
1/(298.15K))]
3375
K
B25/80
B-value
R2=R25exp[B25/80(1/T2-
1/(298.15K))]
3411
K
B25/100
B-value
R2=R25exp[B25/100(1/T2-
1/(298.15K))]
3433
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com