Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPM7238-R Datasheet(PDF) 2 Page - Rohm

Part # RPM7238-R
Description  IR Receiver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM7238-R Datasheet(HTML) 2 Page - Rohm

  RPM7238-R Datasheet HTML 1Page - Rohm RPM7238-R Datasheet HTML 2Page - Rohm RPM7238-R Datasheet HTML 3Page - Rohm RPM7238-R Datasheet HTML 4Page - Rohm RPM7238-R Datasheet HTML 5Page - Rohm RPM7238-R Datasheet HTML 6Page - Rohm RPM7238-R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RPM7238-R series
Photo Link Module
Rev.B
2/6
Block diagram
AMP
100k
Ω
ROUT
GND
VCC
I / V
BPF
Comparator
LIMITER
Detector
Terminal description
Pin name
Pin No.
Function
1VOUT
OUTPUT TERMINAL
GROUND
POWER SUPPLY
2
3
GND
VCC
Electrical, Optical characteristics (Unless otherwise noted, Ta = 25
°C VCC=3V)
Isink
Outer light condition Ee
< 10 (Ix)
Outer light condition Ee
< 10 (Ix)
Outer light condition Ee
< 10 (Ix)
< 200µA
=
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
ICC
VH
L
VL
TON
TOFF
fo
300
µA
15
−
−
600
500
m
−
V
−
V
µs
0.5
800
θ 1/2
θ 1/2
600
37.9
∗1
∗1
∗1
∗1
∗1
∗2
∗2
−
8
400
2.5
−
400
−
−
−
35
45
µs
800
kHz
−
−
deg
deg
−
∗1 600/600µs burst wave is transmitted by standard transmitter. However, it must be measured after the initial transmission pulse is 10 pulse.
∗2 It is an angle when the linear arrival distance become half.
Consumption Current
No outside light, No signal input
Effective Distance
High Level Output Voltage
Low Level Output Voltage
ON Pulse Width
OFF Pulse Width
Center frequency
Vertical half angle
Horizontal half angle
Measurement Conditions
(1) Transmit signal
600
µs
600
µs
Fig.1 Transmit signal
Carrier frequency=fo, Duty=50%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com