Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4951B Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMPR4951B
Description  64-Bit TX System RISC TX49 Family
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4951B Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMPR4951B Datasheet HTML 54Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 55Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 56Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 57Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 58Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 59Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 60Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 61Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 256 page
background image
Chapter 3 TX49/L3 Core’s Registers
3-4
3.2.2
Random register (Reg
#1)
The Random register is a read only register containing six bits to index an entry in the TLB. This
register decrements as each instruction executes. The values are as follows.
•
A lower bound is set by the number of TLB entries reserved for exclusive use by the operating
system (the contents of the Wired register).
•
An upper bound is set by the total number of TLB entries (47 maximum).
The Random register specifies the TLB entry affected by TLB Write Random (TLBWR) instruction.
However the register doesn’t need to be read for this purpose, it is readable to verify proper operation of
the processor.
To simplify testing, the Random register is set to the value of the upper bound upon system reset.
This register is also set to the upper bound when the Wired register is written.
Figure 3.2.2 shows the format of the Random register and Table 3.2.3 describes the Random register
fields.
31
6 5
0
0
Random
Figure 3.2.2 Random Register Format
Table 3.2.3 Random Register Field Descriptions
Bit
Field
Description
Cold Reset
Read/Write
31:6
0
Reserved.
0x0
Read
5:0
Random
TLB random index for TLBWR instruction.
Upper bound
(47)
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com