Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS70VSJ-2 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # FS70VSJ-2
Description  Nch POWER MOSFET HIGH-SPEED SWITCHING USEl
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FS70VSJ-2 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  FS70VSJ-2 Datasheet HTML 1Page - Powerex Power Semiconductors FS70VSJ-2 Datasheet HTML 2Page - Powerex Power Semiconductors FS70VSJ-2 Datasheet HTML 3Page - Powerex Power Semiconductors FS70VSJ-2 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
FS70VSJ-2
OUTLINE DRAWING
Dimensions in mm
TO-220S
MITSUBISHI Nch POWER MOSFET
FS70VSJ-2
HIGH-SPEED SWITCHING USE
APPLICATION
Motor control, Lamp control, Solenoid control
DC-DC converter, etc.
V
V
A
A
A
A
A
W
°C
°C
g
100
±20
70
280
70
70
280
125
–55 ~ +150
–55 ~ +150
1.2
VGS = 0V
VDS = 0V
L = 100
µH
Typical value
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
VDSS
VGSS
ID
IDM
IDA
IS
ISM
PD
Tch
Tstg
—
Symbol
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
¡4V DRIVE
¡VDSS ................................................................................ 100V
¡rDS (ON) (MAX) .............................................................. 17m
Ω
¡ID ......................................................................................... 70A
¡Integrated Fast Recovery Diode (TYP.) ........... 115ns
10.5MAX.
1.3
qwe
r
4.5
0
+0.3
–0
1
5
0.8
0.5
B
q GATE
w DRAIN
e SOURCE
r DRAIN
wr
q
e


Similar Part No. - FS70VSJ-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS70VSJ-2 MITSUBISHI-FS70VSJ-2 Datasheet
39Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS70VSJ-2 RENESAS-FS70VSJ-2 Datasheet
78Kb / 5P
MITSUBISHI Nch POWER MOSFET
logo
Inchange Semiconductor ...
FS70VSJ-2 ISC-FS70VSJ-2 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - FS70VSJ-2

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FK14VS-10 POWEREX-FK14VS-10 Datasheet
57Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK16SM-6 POWEREX-FK16SM-6 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK16VS-5 POWEREX-FK16VS-5 Datasheet
57Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK20SM-10 POWEREX-FK20SM-10 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK20UM-6 POWEREX-FK20UM-6 Datasheet
60Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK20VS-6 POWEREX-FK20VS-6 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK25SM-5 POWEREX-FK25SM-5 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK25SM-6 POWEREX-FK25SM-6 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK30SM-5 POWEREX-FK30SM-5 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-06 POWEREX-FS10ASJ-06 Datasheet
43Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com