Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1923 Datasheet(PDF) 1 Page - ams AG

Part # AS1923
Description  Quad-Voltage Microprocessor Supervisory Circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1923 Datasheet(HTML) 1 Page - ams AG

  AS1923 Datasheet HTML 1Page - ams AG AS1923 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS1923
Quad-Volta ge Microprocessor Supervisory Circuit
Produ ct Brief
www.austriamicrosystems.com
Revision 1.00
1 - 2
1 General Description
The AS1923 microprocessor supervisory circuit was
designed to monitor up to four system supply voltages
without the need for external components, and asserts a
single reset if any of the monitored supply voltages
drops below its reset threshold.
The AS1923 features an active-low reset output that is
asserted when any of the 4 monitored voltages are
below their respective reset threshold. The reset output
is open-drain with a weak internal pullup (10µA) to IN2.
Reset remains low for a specified reset timeout period
(120ms min) after all voltages have stabilized. The out-
put is valid as long as the IN1 or IN2 input voltage
remains >1V.
Minimal external component requirements, small size,
and wide temperature range (-40 to +85°C) greatly
improves reliability compared to individual supervisory
circuits or discrete components.
A wide range of factory-trimmed threshold voltages are
available to accommodate many different supply volt-
ages/tolerances with minimal external component
requirements.
Factory-trimmed options are available for monitoring
+5.0, +3.3, +3.0, +2.5, +1.8, and -5.0V supplies with -5%
and/or -10% tolerances. The device is also available
with one or two user-adjustable threshold options (via
external resistor-divider network) if non-standard voltage
thresholds are required.
The AS1923 is available in an 6-pin SOT23 package.
Figure 1. Application Diagram and Pinout
2 Key Features
!
Simultaneous Quad-Voltage Monitoring
!
Precision Factory-Trimmed Reset Threshold
Options: +5.0, +3.3, +3.0, +2.5, +1.8, and -5.0V
!
User-Adjustable Voltage Monitoring Threshold
Options
!
Low Supply Current: 55µA
!
Open-Drain – AS1923A
!
10µA Current Source Pullup – AS1923B
!
Reset Timeout Period: 120ms
!
RESET Valid to IN1 = 1V or IN2 = 1V
!
Immune to Fast INx Transients
!
External Components not Required
!
Guaranteed Performance: Operating Temperature
Range = -40 to +85ºC
!
6-pin SOT23 package
3 Applications
The device is ideal for portable and battery-powered
systems, embedded controllers, intelligent instruments,
automotive systems, critical CPU monitoring, and any
multi-supply application.
4
IN1
GND
2
AS1923
CPU
Monitoring
Voltage 1
Monitoring
Voltage 2
Monitoring
Voltage 3
Monitoring
Voltage 4
6
IN3
1
IN4
5
IN2
3
RESETN
RESETN
AS1923
2
GND
3
RESETN
1
IN4
4 IN1
5 IN2
6 IN3


Similar Part No. - AS1923

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
864Kb / 17P
Quad-Voltage Microprocessor Supervisory Circuit
AS1923A-BSTT-A AMSCO-AS1923A-BSTT-A Datasheet
864Kb / 17P
Quad-Voltage Microprocessor Supervisory Circuit
AS1923A-BSTT-C AMSCO-AS1923A-BSTT-C Datasheet
864Kb / 17P
Quad-Voltage Microprocessor Supervisory Circuit
AS1923A-BSTT-I AMSCO-AS1923A-BSTT-I Datasheet
864Kb / 17P
Quad-Voltage Microprocessor Supervisory Circuit
AS1923A-BSTT-K AMSCO-AS1923A-BSTT-K Datasheet
864Kb / 17P
Quad-Voltage Microprocessor Supervisory Circuit
More results

Similar Description - AS1923

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
Microprocessor Supervisory Circuit
REV.0
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
ams AG
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6710 AD-ADM6710_15 Datasheet
199Kb / 12P
Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
Quad Voltage Microprocessor Supervisory Circuit
10/10-Rev. 0 to Rev. A
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
8/12-Revision 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com