Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3102SA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3102SA
Description  PWM Control 3A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3102SA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3102SA Datasheet HTML 1Page - AXElite technology co. ltd AX3102SA Datasheet HTML 2Page - AXElite technology co. ltd AX3102SA Datasheet HTML 3Page - AXElite technology co. ltd AX3102SA Datasheet HTML 4Page - AXElite technology co. ltd AX3102SA Datasheet HTML 5Page - AXElite technology co. ltd AX3102SA Datasheet HTML 6Page - AXElite technology co. ltd AX3102SA Datasheet HTML 7Page - AXElite technology co. ltd AX3102SA Datasheet HTML 8Page - AXElite technology co. ltd AX3102SA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.08, 2019
AX3102
BLOCK DIAGRAM
Vcc
Oscillation
Circuit
Reference Voltage
Source with Soft Start
+
-
Vss
VEN
EN
OCSET
FB
SW
Thermal
Shutdown
110uA
-
PWM Switched
Control Circuit
PIN ASSIGNMENT
The package of AX3102 is SOP-8L; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
FB
Ocset
SOP–8L
Vcc
EN
Vss
Vss
SW
SW
Name
Description
FB
Feedback pin
EN
Power-off pin
H:normal operation(Step-down)
L:Step-down operation stopped
(All circuits deactivated)
OCSET
Add an external resistor to set
max switch output current.
VCC
IC power supply pin
SW
Switch pin. Connect external
inductor & diode here.
VSS
GND pin
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
S: SOP-8L
AX3102 X X X
Packing
Blank : Tube
A : Taping
Frequency
Blank : 330Khz
Logo
Y
AX 3
Part number
ID code:internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
1 0 2
Y WW X
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com