Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3111ES Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3111ES
Description  PWM Control 3A Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3111ES Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3111ES Datasheet HTML 1Page - AXElite technology co. ltd AX3111ES Datasheet HTML 2Page - AXElite technology co. ltd AX3111ES Datasheet HTML 3Page - AXElite technology co. ltd AX3111ES Datasheet HTML 4Page - AXElite technology co. ltd AX3111ES Datasheet HTML 5Page - AXElite technology co. ltd AX3111ES Datasheet HTML 6Page - AXElite technology co. ltd AX3111ES Datasheet HTML 7Page - AXElite technology co. ltd AX3111ES Datasheet HTML 8Page - AXElite technology co. ltd AX3111ES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.3 Oct.09, 2019
AX3111
BLOCK DIAGRAM
Oscillator
START - UP
+
Thermal
Shutdown
Vss
SW
FB
COMP.
V CC
Current
limit
+
_
AMP
COMP.
CURRENT
SOURCE
BIAS
1.23V
REFERENCE
2.5 V
REGULATOR
COMP
0.815 V
EN / SS
-
PWM
Switched
Control Circuit
VGATE
OSC
5uA
PIN ASSIGNMENT
The packages of AX3111 is SOP-8L-EP; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
FB
VGATE
SOP8L-EP
VCC
EN/SS
OSC
VSS
SW
COMP
SW
Name
Description
EN/SS ON/OFF Shutdown and Soft-start
pin
VSS
GND pin
VGATE
Driver GATE clamping pin. The
pin must connect a 1uF capacitor
to VCC
VCC
IC power supply pin
SW
Switch pin. Connect external
inductor and diode here.
FB
Feedback pin
COMP Compensation pin
OSC
Frequency Set Pin. The pin
connect a resistance to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com