Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5302SA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX5302SA
Description  PWM Step-up Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5302SA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX5302SA Datasheet HTML 1Page - AXElite technology co. ltd AX5302SA Datasheet HTML 2Page - AXElite technology co. ltd AX5302SA Datasheet HTML 3Page - AXElite technology co. ltd AX5302SA Datasheet HTML 4Page - AXElite technology co. ltd AX5302SA Datasheet HTML 5Page - AXElite technology co. ltd AX5302SA Datasheet HTML 6Page - AXElite technology co. ltd AX5302SA Datasheet HTML 7Page - AXElite technology co. ltd AX5302SA Datasheet HTML 8Page - AXElite technology co. ltd AX5302SA Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.2 Nov.06, 2019
AX5302
BLOCK DIAGRAM
+
-
Oscillator
Buffer
Driver
FB
GND
Vcc
GATE
Phase
Compensation
+
-
PWM
Controller
EN
Thermal
Shutdown
SENSE
0.06V
8uA
SS
VEN
Vref=1.0V
Regulator
PIN ASSIGNMENT
This package of AX5302 is SOP-8L; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
EN
SS
Vcc
GATE
NC
SENSE
SOP - 8L
FB
GND
Name
Description
EN
Shutdown Control Input.
H:normal operation
L:Shutdown mode
FB
Feedback pin
VCC
VCC supply pin
SENSE Current Limit Sense Voltage
SS
Soft-Start pin
GATE
Gate drive for external N-channel
MOSFET.
GND
Signal ground pin
NC
No connection
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
S: SOP-8L
AX5302 X X
Packing
Blank : Tube
A : Taping
Logo
Y
AX 5
Part number
ID code:internal
WW: 01~52
3 0 2
Y WW X
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com