Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5510 Datasheet(PDF) 13 Page - AXElite technology co. ltd

Part # AX5510
Description  680K/1.2MHz, High Voltage, Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5510 Datasheet(HTML) 13 Page - AXElite technology co. ltd

Back Button AX5510 Datasheet HTML 9Page - AXElite technology co. ltd AX5510 Datasheet HTML 10Page - AXElite technology co. ltd AX5510 Datasheet HTML 11Page - AXElite technology co. ltd AX5510 Datasheet HTML 12Page - AXElite technology co. ltd AX5510 Datasheet HTML 13Page - AXElite technology co. ltd AX5510 Datasheet HTML 14Page - AXElite technology co. ltd AX5510 Datasheet HTML 15Page - AXElite technology co. ltd AX5510 Datasheet HTML 16Page - AXElite technology co. ltd AX5510 Datasheet HTML 17Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.06, 2019
AX5510
PACKAGE OUTLINES
(1) MSOP-10L-EP
b
e
1
5
6
10
"A"
1
5
6
10
D1
THERMALLY ENHANCED VARIATIONS ONLY
A1
D
C
0.05
H
L
L1
θ
GAUGE PLANE
SEATING PLANE
DETAIL A
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
1.1
-
-
0.043
A1
0
0.08
0.15
0
0.003
0.006
A2
0.75
0.85
0.95
0.03
0.034
0.038
C
0.08
0.15
0.23
0.003
0.006
0.009
D
2.9
3
3.1
0.114
0.118
0.122
D1
0.75
1.63
2.5
0.03
0.064
0.098
E
4.8
4.9
5
0.189
0.193
0.197
E1
2.9
3
3.1
0.114
0.118
0.122
E2
0.75
1.63
2.5
0.03
0.064
0.098
L
0.4
0.6
0.8
0.016
0.024
0.031
b
0.22
0.3
0.38
0.009
0.012
0.015
e
0.50 BSC
0.020 BSC
y
-
-
0.1
-
-
0.004

0O
-
8O
0O
-
8O
JEDEC outline: MO-187 BA-T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com