Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5510ES Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX5510ES
Description  680K/1.2MHz, High Voltage, Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5510ES Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX5510ES Datasheet HTML 1Page - AXElite technology co. ltd AX5510ES Datasheet HTML 2Page - AXElite technology co. ltd AX5510ES Datasheet HTML 3Page - AXElite technology co. ltd AX5510ES Datasheet HTML 4Page - AXElite technology co. ltd AX5510ES Datasheet HTML 5Page - AXElite technology co. ltd AX5510ES Datasheet HTML 6Page - AXElite technology co. ltd AX5510ES Datasheet HTML 7Page - AXElite technology co. ltd AX5510ES Datasheet HTML 8Page - AXElite technology co. ltd AX5510ES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/20
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.06, 2019
AX5510
BLOCK DIAGRAM
VCC
SS
LX
SGND
Control and
Driver Logic
EN
COMP
1.238V
Reference
Soft
Start
Current
Sense
Slope
Compensation
Oscillator
FB
Error Amplifier
Summing
Comparator
Thermal
Shutdown
7uA
Enable/
Disable
PGND
N-MOS
FREQ
PIN ASSIGNMENT
The packages of AX5510 are MSOP-10L-EP, TDFN-10L, SOP-8L-EP and MSOP-8L-EP; the
pin assignment is given by:
( Top view )
MSOP-10L-EP
LX
SGND
VCC
COMP
PGND
SS
FREQ
EN
1
2
3
4
5
6
7
8
9
10
FB
LX
Exposed
Pad
(SGND)
( Top View)
1
2
3
4
8
7
6
5
EN
GND
SOP/MSOP-8L-EP
AX5913
COMP
FB
SS
FREQ
LX
VCC
Exposed
Pad
(GND)
TDFN-10L (3*3)
COMP
LX
1
PGND
10
2
3
4
5
6
7
8
9
FB
EN
SGND
LX
VCC
FREQ
SS
Exposed
Pad
(SGND)
TOP View
Name
Description
VCC Power Input pin
EN Enable Pin
COMP Compensation Pin
FB Feedback Pin
SS
Soft start Pin. Connect a capacitor to
GND
GND Ground Pin
SGND Signal Ground
PGND Power Ground
LX Switch Output Pin
FREQ
Frequency select pin. The power
switch operates at 680kHz if FREQ
is connected to GND and at
1.2MHz if FREQ is connected to
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com