Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3101SA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3101SA
Description  PWM Control 2A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3101SA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3101SA Datasheet HTML 1Page - AXElite technology co. ltd AX3101SA Datasheet HTML 2Page - AXElite technology co. ltd AX3101SA Datasheet HTML 3Page - AXElite technology co. ltd AX3101SA Datasheet HTML 4Page - AXElite technology co. ltd AX3101SA Datasheet HTML 5Page - AXElite technology co. ltd AX3101SA Datasheet HTML 6Page - AXElite technology co. ltd AX3101SA Datasheet HTML 7Page - AXElite technology co. ltd AX3101SA Datasheet HTML 8Page - AXElite technology co. ltd AX3101SA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Oct.08, 2019
AX3101
BLOCK DIAGRAM
Vcc
Oscillation
Circuit
Reference Voltage
Source with Soft Start
+
-
Vss
VEN
EN
OCSET
FB
SW
Thermal
Shutdown
110uA
-
PWM Switched
Control Circuit
PIN ASSIGNMENT
The package of AX3101 is SOP-8L; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
FB
Ocset
SOP–8L
Vcc
EN
Vss
Vss
SW
SW
Name
Description
FB
Feedback pin
EN
Power-off pin
H:normal operation(Step-down)
L:Step-down operation stopped
(All circuits deactivated)
OCSET
Add an external resistor to set max
switch output current.
VCC
IC power supply pin
VSS
GND pin
SW
Switch pin. Connect external inductor
and diode here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com