Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVF4-2 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NVF4-2
Description  NHG RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVF4-2 Datasheet(HTML) 2 Page - DB Lectro Inc

  NVF4-2 Datasheet HTML 1Page - DB Lectro Inc NVF4-2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NVF4-1&NVF4-2
Small size and light weight.
Heavy contact load (40A).
Suitable for automobile and lamp accessories application.
PC board mounting and direct insert mounting available.
Features
NVF4-1
NVF4-2
26.5
26.5
24.5
26.5
26.5
24.5(+16)
Ordering Information
NVF4-1 C Z 30 b DC12V 1.6 C D
1
2 3
4
5
6
7
8
9
1Part number
NVF4-1,NVF4-2(Insulation Bracket),
NVF4-2a(Shrouded Type With Metal Bracket
Contact Arrangement:1A,1C)
NVF4-2b(Shrouded Type With Metal Bracket
Contact Arrangement::1U)
2Contact arrangement
A:1A
B:1B
C:1C
U:1U
3Enclosure
S: Sealed type
Z: Dust cover
4Contact current
A Form:2 20A,40A
B Form:30A
C Form:30A
40A
U Form:2
20A
5 Terminals
b: PCB type
a: plug in type
6 Coil rated voltage(V) DC:6,12,24
7 Coil power consumption 1.6:1.6W
1.9:1.9W
8 Contact material
C:AgCdO
N:AgNi
NIL: AgSnO
2
9 Coil transient suppression: D: with diode;
2D:with two diodes;.
R: with resistance;
DR: with diode and resistance;
NIL: standard
Contact Arrangement
1A
SPSTNO
,1B
SPSTNC
,1C
SPDT(B-M)
,1U
SPSTNODM
Contact Material
AgSnO , AgNi
2
Contact Data
Contact Rating (resistive)
40A, 2
20A/14VDC
30A/14VDC
2
20A/14VDC
1A
1B
1C
1U
NO:40A/14VDC
NC:30A,40A/14VDC
Max. Switching Power
630W
Max. Switching Voltage
75VDC
Max. Switching Current:40A
Contact Resistance or
Voltage drop
30m
Item 3.12 of IEC255-7
Operation life
5
Electrical 10
Item 3.30 of IEC255-7
7
Mechanical10
Item 3.31 of IEC255-7
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pick up
voltage
VDC(max)
(65%of rated
voltage)
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
006-1600
6
7.8
22.5
3.9
0.6
1.6
7
5
009-1600
12
15.6
90
7.8
1.2
012-1600
24
31.2
360
15.6
2.4
006-1900
6
7.8
19
3.9
0.6
1.9
012-1900
12
15.6
75.8
7.8
1.2
024-1900
24
31.2
303.2
15.6
2.4
Operation condition
1)
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
1)
Dielectric Strength
Between contacts
Between contact and coil
50Hz 500V
50Hz 750V
Item 6 of IEC255-5
Item 6 of IEC255-5
2
Shock resistance
147m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
8N 4N PC type
IEC68-2-21 Test Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~125
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
31g(NVF4-1);36g(NVF4-2)
Note: 1). When testing, coil terminals should be connected, If coil transient suppression is installed in relay .
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
Note: Terminals as shown above
are also available.
NVF4-1type
NVF4-2type
Dimensions
PCB type
Plug in type
1A
2
20A
1U
Wiring diagram (Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
NVF4-1&NVF4-2
Mounting (Bottom view)
86(+)
87
87
85(-)
30
86(+)
87
30
87b
85(-)
26.5max.
26.5max.
6.3
0.8
5.8
2.5
0.8
26.5max.
5.7
024-1600
048-1600
48
62.4
1440
31.2
4.8
9
11.7
50.6
5.9
0.9
1.043max.
1.043max.
0.228
1.043max.
0.248
0.031
0.031
0.098
0.224
26.5
max.
2.5
16
5.5
1.043max.
0.217
0.630
0.098
0.031
0.102
0.248
0.315
0.106
0.705
0.331
0.331
0.705
0.315
mm /inch
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com