Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UPSD3422_06 Datasheet HTML 45Page - STMicroelectronics UPSD3422_06 Datasheet HTML 46Page - STMicroelectronics UPSD3422_06 Datasheet HTML 47Page - STMicroelectronics UPSD3422_06 Datasheet HTML 48Page - STMicroelectronics UPSD3422_06 Datasheet HTML 49Page - STMicroelectronics UPSD3422_06 Datasheet HTML 50Page - STMicroelectronics UPSD3422_06 Datasheet HTML 51Page - STMicroelectronics UPSD3422_06 Datasheet HTML 52Page - STMicroelectronics UPSD3422_06 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 293 page
background image
uPSD34xx
Dual data pointers
49/293
Note:
1
The code loop where the data transfer takes place is only 3 lines of code.
LOOP:
MOVX(1)
A, @DPTR
; load XDATA byte from source into ACC.
; after load completes, DPTR0 increments and
DPTR
; switches DPTR1
MOVX(1)
@DPTR, A
; store XDATA byte from ACC to destination.
; after store completes, DPTR1 increments and
DPTR
; switches to DPTR0
DJNZ(1)
R7, LOOP
; continue until done
MOV
86h, #00
; disable auto-increment
MOV
85h, #00
; disable auto-toggle, now back to single DPTR
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com