Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSERIES Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # ACSERIES
Description  3-Phase Compressor Protector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

ACSERIES Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  ACSERIES Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
226
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
3-Phase Compressor Protector
• Automatic Voltage Ranging
• Universal Control Voltage
• Condition/Fault Indicators
• Automatic/Manual Reset
• Last Fault Memory
• Delay-On-Make
• Delay-On-Break
• Auxiliary Contacts
• Easy Installation
PROTECTS AGAINST:
• Phase Loss
• Under Voltage
• Over Voltage
• Phase Reversal
• Short Cycling
OPERATING VOLTAGE
ORDERING INFORMATION
AUTO RANGES
240 VAC
190-270 VAC, Adj., 50/60 Hz
480 VAC
380-540 VAC, Adj., 50/60 Hz
MODEL
DESCRIPTION
NUMBER
AC-2020
3-Phase Compressor Protector
CONTROL VOLTAGE 24 or 120 VAC ±10%, 50/60 Hz
TRIP POINTS
Under Voltage -10% of Setting
Over Voltage +10% of Setting
Hysteresis
5% of Nominal Setting
RESPONSE
Pick-Up
Auto Mode: 0.05 to 5 Min.
TIMES
(Adj) Delay-On-Make
Delay Mode: 3 Min. (Fixed)
Delay-On-Break
Drop-Out
Over/Under Voltage,
Phase Loss: 2 SEC
(Approximately)
POWER REQUIRED
<5 VA
MAXIMUM
550 VAC
VOLTAGE
PHASE SEQUENCE
ABC (Will Not Operate On CBA Sequence)
OUTPUT
9A General Purpose B300 (360VA)
RATING
CONFIGURATION
Control
SPST-N.O.
Auxiliary
SPDT
MODE SELECTIONS Automatic; Manual; Delay-On-Break
RESET SWITCH
With Memory, Without Memory, Auto Reset,
Manual Reset
TRANSIENT
1500 V @ 8X 20 Microseconds
WITHSTAND
TEMPERATURE
Operate
-4° to 131°F (-20° to +55°C)
RATING
Storage
-40° to 185°F (-40° to +85°C)
ENCLOSURE
Style “E” Lexan® Surface Mounted
TERMINATIONS
(12) #8-32 Screw Terminals
WEIGHT
6 oz.
SPECIFICATIONS
The AC 2020 Compressor Protector provides multimode time delays,
reset selections and a memory capability which indicates using LED’s,
the last fault condition. This offers not only protection for the com-
pressor in adverse electrical conditions but also a method to readily
determine the type of fault occurrence.
E55826
*See instruction Manual for more information.


Similar Part No. - ACSERIES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACSERIES VISHAY-ACSERIES Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
More results

Similar Description - ACSERIES

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
QA43K11GAU PANASONICBATTERY-QA43K11GAU Datasheet
66Kb / 2P
MATSUSHITA Compressor
QA51K13GAU PANASONICBATTERY-QA51K13GAU Datasheet
66Kb / 2P
MATSUSHITA Compressor
QA66K16GAU PANASONICBATTERY-QA66K16GAU Datasheet
65Kb / 2P
MATSUSHITA Compressor
QA77K19GAU PANASONICBATTERY-QA77K19GAU Datasheet
66Kb / 2P
MATSUSHITA Compressor
QA91K22GAU PANASONICBATTERY-QA91K22GAU Datasheet
68Kb / 2P
MATSUSHITA Compressor
QA110K27CAU PANASONICBATTERY-QA110K27CAU Datasheet
68Kb / 2P
MATSUSHITA Compressor
QA110K27GAU PANASONICBATTERY-QA110K27GAU Datasheet
66Kb / 2P
MATSUSHITA Compressor
QA125K29CAU PANASONICBATTERY-QA125K29CAU Datasheet
67Kb / 2P
MATSUSHITA Compressor
QA125K29GAU PANASONICBATTERY-QA125K29GAU Datasheet
68Kb / 2P
MATSUSHITA Compressor
logo
STMicroelectronics
AN2991 STMICROELECTRONICS-AN2991 Datasheet
262Kb / 14P
Single-phase induction motor drive for refrigerator compressor application
05-Sep-2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com